Electronic Components Datasheet Search
  English  ▼

X  

ADP1972 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1972
Description  Buck or Boost, PWM Controller for Battery Test Solutions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1972 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1972 Datasheet HTML 8Page - Analog Devices ADP1972 Datasheet HTML 9Page - Analog Devices ADP1972 Datasheet HTML 10Page - Analog Devices ADP1972 Datasheet HTML 11Page - Analog Devices ADP1972 Datasheet HTML 12Page - Analog Devices ADP1972 Datasheet HTML 13Page - Analog Devices ADP1972 Datasheet HTML 14Page - Analog Devices ADP1972 Datasheet HTML 15Page - Analog Devices ADP1972 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ADP1972
Data Sheet
PWM DRIVE SIGNALS
The ADP1972 has two output drive signals, DH and DL, that
are compatible with drivers similar to the IR2110S.
The drive signal DL is active when the MODE pin is logic low
and the ADP1972 is configured in the boost/recycle mode. The
DL drive signal turns on and off the low-side switch driven from
the external driver. While in the boost/recycle mode, the DH
signal is driven low to prevent the high-side switch from turning
on and only allows the body diode to conduct.
The drive signal DH is active when the MODE pin is logic high
and the ADP1972 is configured in the buck/charge mode. The
DH drive signal turns on and off the high-side switch driven
from the external driver. While in the buck/charge mode, the
DL signal is driven low to prevent the low-side switch from
turning on, and it only allows the body diode to conduct.
When driving capacitive loads with the DH and DL pins, a
20 Ω resistor must be placed in series with the capacitive load
to reduce ground noise and ensure signal integrity.
EXTERNAL COMP CONTROL
The ADP1972 COMP pin is the input to the error amplifier that
controls the PWM output on the DH pin or DL pin. The ADP1972
uses voltage mode control that compares an error signal, applied to
the COMP pin by an external device, such as the AD8450, to an
internal 4 V p-p triangle waveform. As the load changes, the error
signal increases or decreases. The internal PWM comparator
determines the appropriate duty cycle drive signal by monitoring
the error signal at the COMP pin and the internal 4 V p-p ramp
signal. The internal PWM comparator subsequently drives the
external gate driver at the determined duty cycle through the DH
and DL drive control pins.
The functional voltage range of the COMP pin is from 0 V to
5.0 V. If VCOMP is less than 0.5 V (typical), the DH and DL
outputs are disabled. If VCOMP is between 0.5 V and 4.5 V, the
ADP1972 regulates the DH and DL outputs accordingly. If
VCOMP is greater than 4.5 V, the ADP1972 operates the DH and
DL outputs at the maximum programmed duty cycle (98%
default). The input to the COMP pin must never exceed the
5.5 V absolute maximum rating.
The DL and DH signals swing from VREG (5 V typical) to ground.
The external FET driver used must have input control pins
compatible with a 5 V logic signal.
CURRENT LIMIT
The ADP1972 features a peak hiccup current limit implementation.
When the peak inductor current exceeds the programmed current
limit for more than 500 consecutive clock cycles, 5.2 ms (typical)
for a 100 kHz programmed frequency, the peak hiccup current
limit condition occurs. PWM regulation of the output voltage
then disables for 500 clock cycles, which is enough time for the
output to discharge, and the average power dissipation to reduce.
When the 500 clock cycles have expired, the ADP1972 restarts.
When the SS pin exceeds 0.52 V (typical), the ADP1972 resumes
PWM regulation.
Figure 21 shows the current limit block diagram for peak
current limit protection.
VREG
RS
CL
500mV
300mV
ICL
20µA
RCL
20kΩ
M2
MODE
SELECT
Figure 21. Current Limit Block Diagram
PWM FREQUENCY CONTROL
The FREQ, SYNC, and SCFG pins are all used to determine the
source, frequency, and synchronization of the clock signal that
operates the PWM control of the ADP1972.
Internal Frequency Control
The ADP1972 frequency can be programmed with an external
resistor connected between FREQ and ground. The range of
frequency can be set from a minimum of 50 kHz to a maximum
of 300 kHz. If the SCFG pin is tied to VREG, forcing VSCFG ≥ 4.53 V,
or if the SCFG pin is left floating, the SYNC pin is configured as
an output, and the ADP1972 operates at the frequency set by
RFREQ, which outputs from the SYNC pin through the open drain
device. The output clock of the SYNC pin operates with a 50%
(typical) duty cycle. In this configuration, the SYNC pin can be
used to synchronize other switching regulators in the system to
the ADP1972. When the SYNC pin is configured as an output,
an external pull-up resistor is needed from the SYNC pin to an
external supply. The VREG pin of the ADP1972 is used as the
external supply rail for the pull-up resistor.
External Frequency Control
When VSCFG ≤ 0.5 V, the SYNC pin is configured as an input,
and the ADP1972 synchronizes to the external clock applied to
the SYNC pin and operates as a slave device. This synchronization
allows the ADP1972 to operate at the same switching frequency
with the same phase as other switching regulators or devices in
the system. When operating the ADP1972 with an external
clock, select RFREQ to provide a frequency that approximates but
is not equal to the external clock frequency, which is further
explained in the Applications Information section.
Operating Frequency Phase Shift
When the voltage applied to the SCFG pin is 0.65 V < VSCFG <
4.25 V, the SYNC pin is configured as an input, and the ADP1972
synchronizes to a phase shifted version of the external clock
applied to the SYNC pin. To adjust the phase shift, place a
resistor (RSCFG) from SCFG to ground. The phase shift reduces
the input supply ripple for systems containing multiple
switching power supplies.
Rev. B | Page 12 of 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com