Electronic Components Datasheet Search
  English  ▼

X  

ML7055HB Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML7055HB
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055HB Datasheet(HTML) 2 Page - OKI electronic componets

  ML7055HB Datasheet HTML 1Page - OKI electronic componets ML7055HB Datasheet HTML 2Page - OKI electronic componets ML7055HB Datasheet HTML 3Page - OKI electronic componets ML7055HB Datasheet HTML 4Page - OKI electronic componets ML7055HB Datasheet HTML 5Page - OKI electronic componets ML7055HB Datasheet HTML 6Page - OKI electronic componets ML7055HB Datasheet HTML 7Page - OKI electronic componets ML7055HB Datasheet HTML 8Page - OKI electronic componets ML7055HB Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
2/30
SPECIFICATIONS
Process
0.16
µm CMOS (5-layer metal wire)
Package
63-pin WCSP (P-VFLGA63-4.90
×4.72-0.50-W)
(Dimensions: 4.90 mm
× 4.72 mm × 0.48 mm; pin pitch: 0.50 mm)
64-pin BGA (P-TFBGA64-0707-0.65)
(Dimensions: 7 mm
× 7 mm × 1.2 mm; pin pitch: 0.65 mm)
84-pin BGA (P-LFBGA84-0909-0.80)
(Dimensions: 9 mm
× 9 mm × 1.5 mm; pin pitch: 0.80 mm)
Supply current
22 mA (24 MHz operation)
Operating voltage ranges
2.70 to 3.6 V for input-output, 1.65 to 1.95 V for internal circuits
Operating frequency
24 MHz
Built-in ROM size
176 KB (for ARM program)
Built-in RAM size
24 KB
Input clocks
12 MHz or 13 MHz (system clock)
32 kHz or 32.768 kHz (LPO clock)
RF-LSI interface
OKI RF-LSI interface (ML7050)
SKYWORKS RF-LSI interface (CX72303)
BROADCOM RF-LSI interface (BCM2002X)
Installed interfaces
UART interface (up to 921.6 Kbps)
General-purpose I/O interface (used as a pin for I
2C bus interface
depending on software installed)
PCM interface (PCM Linear/A-law/
µ-law can be selected)
DETACH interface
Timers
16-bit auto reload timer (1ch)
18-bit auto reload timer (1ch)
Interrupt controller
11 causes
Clock control circuit
Crystal oscillator circuit (12 MHz or 13 MHz, 32 kHz or 32.768 kHz)
Internal PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com