Electronic Components Datasheet Search
  English  ▼

X  

ML7055LA Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML7055LA
Description  Bluetooth Baseband Controller IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7055LA Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML7055LA Datasheet HTML 17Page - OKI electronic componets ML7055LA Datasheet HTML 18Page - OKI electronic componets ML7055LA Datasheet HTML 19Page - OKI electronic componets ML7055LA Datasheet HTML 20Page - OKI electronic componets ML7055LA Datasheet HTML 21Page - OKI electronic componets ML7055LA Datasheet HTML 22Page - OKI electronic componets ML7055LA Datasheet HTML 23Page - OKI electronic componets ML7055LA Datasheet HTML 24Page - OKI electronic componets ML7055LA Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
FEDL7055-02
OKI Semiconductor
ML7055
21/30
REFERENCE FOR OSCILLATOR CIUCUIT
Note 1: The values of C0 and C1, and R0 and R1 should be determined according to the specifications for the
external crystal X’tal 1 (32 or 32.768 kHz).
The values of C2 and C3, and R2 and R3 should be determined according to the specifications for the
external crystal X’tal 2 (13 or 12 MHz).
Note 2: The crystal oscillator circuit should be connected to pins SCLKP and SCLKN only when the OKI RF-LSI
(ML7050) is connected. In other cases, the system clock should be input from the RF-LSI to pin SCLKP.
Note 3: In the case of 13 MHz or 12 MHz system clock (SCLKP) input, make sure the crystal frequency tolerance
is ±20 ppm for temperature, supply voltage, and aging.
In the case of 32 kHz or 32.768 kHz sub-clock (XC32KP) input, make sure the crystal frequency tolerance
is ±250 ppm for temperature, supply voltage, and aging.
Note 4: Precautions to build a crystal oscillator circuit
- Keep length of wire traces as short as possible.
- Do not cross the crystal oscillator circuit wires over other signal line wires.
- Do not keep signal line wires through which high current flows close to the crystal oscillator circuit.
- Keep the grounding point of the capacitors in the oscillator circuit at the potential equal to GND. And do
not connect the capacitors to the GND or GND lines through which high current flows.
- Do not output signals from the oscillator circuit.
The circuit is subject to change according to the specific LSI board design. Please contact Oki Electric Industry Co.,
Ltd. for detailed information. It is recommended to determine the final circuit values including the capacitance of
the circuit board designed by the user.
ML7055
C1
C0
R0
X’tal 1
R1
C3
C2
R2
X’tal 2
R3
Example of oscillator circuit
Connect this oscillator circuit only when
connecting the OKI RF-LSI ML7050.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com