Electronic Components Datasheet Search
  English  ▼

X  

ZBGP Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBGP
Description  Harmony XB4, Protective cover for 횠22 push button head, plastic, black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBGP Datasheet(HTML) 1 Page - Schneider Electric

  ZBGP Datasheet HTML 1Page - Schneider Electric ZBGP Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Harmony XB4, Protective cover for
Ø22 push button head, plastic, black
ZBGP
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 12.40 USD
Main
Range of product
Harmony XB4
Harmony XB5
Accessory / separate part
designation
Keyhole cover
Accessory / Separate Part Type
Cover
Accessory / separate part
category
Protection accessories
Accessory / separate part
destination
Key switches except those with TEC10
Complementary
Ambient air temperature for
operation
-40…158 °F (-40…70 °C)
Material
Rubber
Net Weight
0.01 lb(US) (0.005 kg)
Ordering and shipping details
Category
22469 - PUSHBUTTON,22MM ACCESSORIES-NEW
Discount Schedule
CS2
GTIN
3389119034616
Nbr. of units in pkg.
1
Package weight(Lbs)
0.42 oz (12 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.38 in (3.5 cm)
Package 1 width
3.54 in (9 cm)
Package 1 Length
4.33 in (11 cm)
Unit Type of Package 2
S02
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 24, 2021
1


Similar Part No. - ZBGP

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ZBG00602 REDLION-ZBG00602 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG00602 REDLION-ZBG00602 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG00602 REDLION-ZBG00602 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG01002 REDLION-ZBG01002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
ZBG01002 REDLION-ZBG01002 Datasheet
737Kb / 4P
MODELS ZBG AND ZBH STANDARD DUTY ENCODER
More results

Similar Description - ZBGP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA26 SCHNEIDER-ZB4BA26 Datasheet
383Kb / 13P
Harmony XB4, Push button head, metal, recessed, black, 횠22, spring return, unmarked
Oct 4, 2021
ZB4BH02 SCHNEIDER-ZB4BH02 Datasheet
392Kb / 11P
Harmony XB4, Push button head, metal, black, flush, 횠22, push-push, unmarked
Oct 4, 2021
ZB4BH2 SCHNEIDER-ZB4BH2 Datasheet
365Kb / 11P
Head for non illuminated push button, Harmony XB4, black projecting pushbutton 횠22 mm push unmarked
Oct 4, 2021
ZB4BH04 SCHNEIDER-ZB4BH04 Datasheet
412Kb / 11P
Harmony XB4, Push button head, metal, red, flush, 횠22, push-push, unmarked
Oct 4, 2021
ZB4BH27 SCHNEIDER-ZB4BH27 Datasheet
378Kb / 10P
Head for non illuminated push button, Harmony XB4, black projecting pushbutton 횠22 mm push unmarked
Oct 4, 2021
ZB4BL2 SCHNEIDER-ZB4BL2 Datasheet
372Kb / 13P
Harmony XB4, Push button head, metal, projecting, black, 횠22, spring return, unmarked
Oct 4, 2021
ZB4BC2 SCHNEIDER-ZB4BC2 Datasheet
399Kb / 12P
Harmony XB4, Mushroom push button head 횠40, metal, black, 횠22, spring return
Oct 18, 2021
ZB4BC24 SCHNEIDER-ZB4BC24 Datasheet
397Kb / 12P
Harmony XB4, Mushroom push button head 횠30, metal, black, 횠22, spring return
Oct 18, 2021
ZB4BR2 SCHNEIDER-ZB4BR2 Datasheet
411Kb / 12P
Harmony XB4, Mushroom push button head 횠60, metal, black, 횠22, spring return
Oct 18, 2021
ZB4BT2 SCHNEIDER-ZB4BT2 Datasheet
355Kb / 13P
Harmony XB4, Mushroom push button head 횠40, metal, black, 횠22, latching push-pull
Oct 18, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com