Electronic Components Datasheet Search
  English  ▼

X  

2931685 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 2931685
Description  Pinch valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2931685 Datasheet(HTML) 2 Page - Festo Corporation.

  2931685 Datasheet HTML 1Page - Festo Corporation. 2931685 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Symbol
00995245
Medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Max. viscosity
4000 mm²/s
Temperature of medium
-5 °C ... 150 °C
Ambient temperature
-5 °C ... 60 °C
Storage temperature
5 °C ... 30 °C
Flow rate Kv
0.7 m³/h
On switching time
125 ms
Switching time off
125 ms
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
High-alloy stainless steel
Material number of housing
1.4404
Housing cover material
High-alloy stainless steel
Seals material
FPM
Shut-off element material
VMQ (silicone)
Product weight
157 g
For use in the food industry
See declaration of conformity
Material of bowl
PA6
11/26/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com