Electronic Components Datasheet Search
  English  ▼

X  

ML9207 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML9207
Description  5 X 7 Dot Character 횞 24-Digit Display Controller/Driver with Character RAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9207 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML9207 Datasheet HTML 9Page - OKI electronic componets ML9207 Datasheet HTML 10Page - OKI electronic componets ML9207 Datasheet HTML 11Page - OKI electronic componets ML9207 Datasheet HTML 12Page - OKI electronic componets ML9207 Datasheet HTML 13Page - OKI electronic componets ML9207 Datasheet HTML 14Page - OKI electronic componets ML9207 Datasheet HTML 15Page - OKI electronic componets ML9207 Datasheet HTML 16Page - OKI electronic componets ML9207 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
FEDL9207-02
OKI Semiconductor
ML9207-xx
13/35
FUNCTIONAL DESCRIPTION
Command List
LSB
1st byte
MSB
LSB
2nd byte
MSB
Command
B0
B1
B2
B3
B4
B5
B6
B7
B0
B1
B2
B3
B4
B5
B6
B7
1
DCRAM data write
X0
X1
X2
X3
X4
1
0
0
C0
C1
C2
C3
C4
C5
C6
C7
C0
C5
C10
C15
C20
C25
C30
*
C1
C6
C11
C16
C21
C26
C31
*
C2
C7
C12
C17
C22
C27
C32
*
C3
C8
C13
C18
C23
C28
C33
*
2
CGRAM data write
X0
X1
X2
X3
*
0
1
0
C4
C9
C14
C19
C24
C29
C34
*
3
ADRAM data write
X0
X1
X2
X3
X4
1
1
0
C0
C1
C2
C3
*
*
*
*
4
General output port
set
P1
P2
P3
P4
*
0
0
1
5
Display duty set
D0
D1
*
*
*
1
0
1
D2
D3
D4
D5
D6
D7
D8
D9
6
Number of digits
set
K0
K1
K2
K3
*
0
1
1
7
All lights ON/OFF
L
H
*
*
*
1
1
1
Test mode
When data is written to RAM (DCRAM, CGRAM, ADRAM) continuously, addresses are internally incremented
automatically. Therefore it is not necessary to specify the 1st byte to write RAM data for the 2nd and later bytes.
Note : The test mode is used for inspection before shipment.
This is not a user function.
*
: Don't care
Xn
: Address specification for each RAM
Cn : Character code specification for each RAM
Pn
: General output port status specification
Dn : Display duty specification
Kn
: Number of digits specification
H
: All lights ON instruction
L
: All lights OFF instruction
2nd byte
3rd byte
4th byte
5th byte
6th byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com