Electronic Components Datasheet Search
  English  ▼

X  

ML9227 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML9227
Description  27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9227 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML9227 Datasheet HTML 7Page - OKI electronic componets ML9227 Datasheet HTML 8Page - OKI electronic componets ML9227 Datasheet HTML 9Page - OKI electronic componets ML9227 Datasheet HTML 10Page - OKI electronic componets ML9227 Datasheet HTML 11Page - OKI electronic componets ML9227 Datasheet HTML 12Page - OKI electronic componets ML9227 Datasheet HTML 13Page - OKI electronic componets ML9227 Datasheet HTML 14Page - OKI electronic componets ML9227 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FEDL9227-01
OKI Semiconductor
ML9227
11/26
Key scan Characteristics
(Ta = –40 to +85°C, VDISP = 8.0 to 18.5 V)
Parameter
Condition
Min.
Typ.
Max.
Unit
Key scan Cycle Time
R = 10 k
Ω ±5%, Co = 27 pF ±5%
160
194
246
µs
Key scan Pulse Width
R = 10 k
Ω ±5%, Co = 27 pF ±5%
32
39
49
µs
Rotary switch characteristic
(Ta = –40 to +85°C, VDISP = 8.0 to 18.5 V)
Parameter
Sign
Condition
Min.
Typ.
Max.
Unit
Phase input time
tABW
Phase input fixed time
tABH
R = 10 k
Ω ±5%, Co = 27 pF ±5%
950
—
—
µs
Rotary switch input timing
A
B
Key scan Timing
ROW1
ROW5
ROW2
ROW3
ROW4
Key scan Cycle Time
Key scan Pulse
Width
tABW
tABW
tABW
tABW
tABH
tABH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com