Electronic Components Datasheet Search
  English  ▼

X  

ML9227GA Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML9227GA
Description  27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9227GA Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML9227GA Datasheet HTML 9Page - OKI electronic componets ML9227GA Datasheet HTML 10Page - OKI electronic componets ML9227GA Datasheet HTML 11Page - OKI electronic componets ML9227GA Datasheet HTML 12Page - OKI electronic componets ML9227GA Datasheet HTML 13Page - OKI electronic componets ML9227GA Datasheet HTML 14Page - OKI electronic componets ML9227GA Datasheet HTML 15Page - OKI electronic componets ML9227GA Datasheet HTML 16Page - OKI electronic componets ML9227GA Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
FEDL9227-01
OKI Semiconductor
ML9227
13/26
FUNCTIONAL DESCRIPTION
Power-on Reset
When power is turned on, ML9227 is initialized by the internal power-on reset circuit.
The status of the internal circuit after initialization is as follows:
• The contents of the shift registers and latches are set to “0”.
• The digital dimming duty cycle is set to “0”.
• All segment outputs are set to Low level.
• GRID1 outputs are set to Low level.
• GRID2 to 3 outputs are set to High level.
• All the ROW outputs are set to Low level.
• INT output is set to Low level.
Mode Data
ML9227 has the seven function modes. The function mode is selected by the mode data (M0 to M2). The relation
between function mode and mode data (M0 to M2) is as follows:
FUNCTION DATA
FUNCTION MODE
OPERATING MODE
M0
M1
M2
0
Segment Data for
GRID1-3 Input
0
0
0
1
Segment Data for
GRID1 Input
1
0
0
2
Segment Data for
GRID2 Input
0
1
0
3
Segment Data for
GRID3 Input
1
1
0
4
Digital Dimming Data Input
0
0
1
5
Key scan Stop
1
0
1
6
Switch Data Output
0
1
1
7
A/D Data Output
1
1
1
Data Input and Output
Data input and output through the DATA-I/O pin is valid only when the CS pin is set at a High level.
The input data to DATA I/O pin is shifted into the shift register at the rising edge of the serial clock. The data is
automatically loaded to the latches when the CS pin is set at a Low level.
10-bit dimming data (D1 to D10) and 27-bit segment data (S1 to S27) are used for inputting of dimming data and
display data. To transfer these two data, the mode data (M0 to M2) must be sent after each of these data
succeddingly.
The output data from the DATA I/O pin is output from the shift register at the rising edge of the serial clock.
ML9227 outputs 48-bit (6ch
× 8bits) A/D data (A11 to A68) and 29-bit key data (S11 to S55, R1 and Q1 to Q3). To
receive these data, the mode data (M0 to M2) must be sent first and then CS must be set once to Low level and set
again to High level.
Then inputting serial clocks, these data are output from the DATA I/O pin.
When the CS pin is set at a Low level, the DATA I/O pin returns to an input pin.
To stop the keyscan, the only mode data (M0 to M2) must be sent. After the mode data transfer, the key scanning is
stopped immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com