Electronic Components Datasheet Search
  English  ▼

X  

60KS Datasheet(PDF) 2 Page - Protek Devices

Part # 60KS
Description  SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

60KS Datasheet(HTML) 2 Page - Protek Devices

  60KS Datasheet HTML 1Page - Protek Devices 60KS Datasheet HTML 2Page - Protek Devices 60KS Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
www.protekdevices.com
05026.R5 11/04
60KS200C
&
90KS200C
DEVICE CHARACTERISTICS
0
50
100
150
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
1.2/50µs
Average Power
FIGURE 3
POWER DERATING CURVE
0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
PP
V
C
VOLTS
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
PEAK PULSE
CURRENT
(See Fig. 2)
I
PPM
AMPS
60KS200C
90KS200C
335
280
10
0.5
180
180
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
180
180
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
200
200
0.1
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
1
10
100
1,000
90kW 1.2/50µs
Waveform
60kW 1.2/50µs
Waveform
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
t - Time - µs
0
50
100
TEST
WAVEFORM
PARAMETERS
t
f = 1.2µs
t
d = 50µs
t
f
Peak Value I
PP
e-t
FIGURE 2
PULSE WAVE FORM
t
d = t
I
PP/2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com