Electronic Components Datasheet Search
  English  ▼

X  

587B062 Datasheet(PDF) 1 Page - Protek Devices

Part # 587B062
Description  240V AC POWER LINE SURGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B062 Datasheet(HTML) 1 Page - Protek Devices

  587B062 Datasheet HTML 1Page - Protek Devices 587B062 Datasheet HTML 2Page - Protek Devices 587B062 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
587B062
thru
587B302
1
05047.R4 12/03
www.protekdevices.com
240V AC POWER LINE SURGE SUPPRESSOR
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Hard Wired Equipment AC Power Protection
✔ Load Side Distribution Systems
✔ Secondary Protection for Light Industrial AC Power
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-5 (Surge): 1kA, 8/20µs - Level 4(Line-Line)
FEATURES
✔ Meets ANSI/IEEE C62.41 Requirements
✔ Listed to CSA, File LR65240
✔ Differential Mode Protection
✔ Low Clamping Voltage
✔ Nanosecond Response Time
✔ Long Life and Maintenance Free
MECHANICAL CHARACTERISTICS
✔ Plastic Package
✔ Weight: 485 Grams (Approximate)
✔ Flammability Rating UL 94V-0
✔ Device Marking: Part Number, Date Code, Logo, Voltage and Current Rating
DESCRIPTION
The 587B Series of 240 Volt AC Surge Suppressors is designed for use by the OEM,
equipment installer and or maintenance contractor. These modules employ a three
stage technology proven to be the most cost effective and reliable method in protect-
ing sensitive electronic equipment from over voltage transients.
This series is designed to protect AC powered equipment from the 6,000 volt peak
open circuit voltage and 3,000 Amp short circuit current as defined in ANSI/IEEE
C62.41, Category C1.
The 587B Series offers a high degree of protection against 240 VAC EMI line noise. It
is ideal for protecting 800 Volt components because the solid state TVS technology
assures that the line-to-neutral voltage will not exceed 800 Volts. While the modules
are designed for transient voltage protection, the advanced circuitry will also attenuate
the amplitude and slow the rate of rise of high frequency noise acting as an EMI filter.
The 587B Series includes differential mode protection, which is effective in reducing
interference from line to equipment and are effective in reducing equipment gener-
ated noise to meet FCC, VDE and CSA interference requirements.
U.S PATENT 4,563,720
0
10
20
30
40
50
60
0
10
20
30
40
50
60
FIGURE 2
TYPICAL CLAMPING ACTION
OF A 16 AMP MODULE
Time - µs
0
2
6
4
FIGURE 1
TRANSIENT VOLTAGE THREAT
CONDITION
Time - µs
0
2
4
8
6
Figures 1 and 2 are photographs of digitized waveforms
showing the typical clamping action of a 16 ampere module.
A 12 Ohm resistor is used to represent a 10 Amp equipment
load. The load is then subjected to the ANSI/IEEE C62.41
Category CI test conditions (6,000V/3,000A). These photo-
graphs contrast the effect on equipment with and without the
protector.


Similar Part No. - 587B062

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B062 PROTEC-587B062 Datasheet
318Kb / 4P
240v acpower line surge suppressor
587B062LP PROTEC-587B062LP Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP Datasheet
333Kb / 4P
low profile 240v acpower line surge suppressor
587B062LPE PROTEC-587B062LPE Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE Datasheet
334Kb / 4P
low profile 240v acpower line surge suppressor
More results

Similar Description - 587B062

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
120V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051_11 Datasheet
335Kb / 5P
120v ac power line surge suppressor
587B062 PROTEC-587B062_11 Datasheet
318Kb / 4P
240v acpower line surge suppressor
587B062LP PROTEC-587B062LP_11 Datasheet
333Kb / 4P
low profile 240v acpower line surge suppressor
587B062LPE PROTEC-587B062LPE_11 Datasheet
334Kb / 4P
low profile 240v acpower line surge suppressor
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
120V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP_12 Datasheet
335Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE_12 Datasheet
337Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com