Electronic Components Datasheet Search
  English  ▼

X  

LP8733-Q1 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733-Q1
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733-Q1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP8733-Q1 Datasheet HTML 28Page - Texas Instruments LP8733-Q1 Datasheet HTML 29Page - Texas Instruments LP8733-Q1 Datasheet HTML 30Page - Texas Instruments LP8733-Q1 Datasheet HTML 31Page - Texas Instruments LP8733-Q1 Datasheet HTML 32Page - Texas Instruments LP8733-Q1 Datasheet HTML 33Page - Texas Instruments LP8733-Q1 Datasheet HTML 34Page - Texas Instruments LP8733-Q1 Datasheet HTML 35Page - Texas Instruments LP8733-Q1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
Buck0
Power Good
EN_PGOOD
_BUCK0
Buck1
PGOOD
Active High
EN_PGOOD
_BUCK1
LDO0
EN_PGOOD
_LDO0
LDO1
EN_PGOOD
_LDO1
TDIE_SD_INT
OVP_INT
Power Good
Power Good
Power Good
Copyright © 2016, Texas Instruments Incorporated
TDIE_WARN_STAT
EN_PGOOD
_TWARN
Figure 7-11. PGOOD Block Diagram (Continuous Mode)
V(VANA)
VANA_UVLO
State Shutdown
Read
OTP
Standby
PGOOD pin
EN pin
VOUT (Buck1)
VOUT (LDO0)
Buck1 internal powergood
LDO0 internal powergood
Active
Buck1 internal enable
LDO0 internal enable
4 ms
2 ms
Figure 7-12. PGOOD Pin Operation in Continuous Mode
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com