Electronic Components Datasheet Search
  English  ▼

X  

8097470 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8097470
Description  Ball valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8097470 Datasheet(HTML) 1 Page - Festo Corporation.

  8097470 Datasheet HTML 1Page - Festo Corporation. 8097470 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball valve
VZBF-11/4-P1-20-D-2-F0405-M-V15V15
Part number: 8097470
Data sheet
Feature
Value
Type code
VZBF
Structural design
2-way ball valve
Actuation type
Mechanical
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
Flange as per ANSI B16.5 class 150
Switching position indication
Slot direction = flow direction
Flange hole pattern
F0405
Inside diameter
30 mm
Nominal width DN
32
Valve function
2/2
Flow direction
Reversible
11/23/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8097470

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8097471 FESTO-8097471 Datasheet
82Kb / 2P
Ball valve
11/23/21
8097472 FESTO-8097472 Datasheet
82Kb / 2P
Ball valve
11/23/21
8097473 FESTO-8097473 Datasheet
82Kb / 2P
Ball valve
11/23/21
8097474 FESTO-8097474 Datasheet
84Kb / 2P
Ball valve
11/23/21
8097475 FESTO-8097475 Datasheet
83Kb / 2P
Ball valve
11/23/21
More results

Similar Description - 8097470

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153484 FESTO-153484 Datasheet
95Kb / 2P
Ball valve
4/15/22
153487 FESTO-153487 Datasheet
87Kb / 2P
Ball valve
4/15/22
8089038 FESTO-8089038 Datasheet
98Kb / 2P
Ball valve
6/30/22
8089045 FESTO-8089045 Datasheet
96Kb / 2P
Ball valve
6/30/22
8089056 FESTO-8089056 Datasheet
87Kb / 2P
Ball valve
6/30/22
8096667 FESTO-8096667 Datasheet
85Kb / 2P
Ball valve
6/30/22
4745221 FESTO-4745221 Datasheet
82Kb / 2P
Ball valve
7/1/22
4745225 FESTO-4745225 Datasheet
82Kb / 2P
Ball valve
7/1/22
4834288 FESTO-4834288 Datasheet
99Kb / 2P
Ball valve
7/1/22
4834293 FESTO-4834293 Datasheet
100Kb / 2P
Ball valve
7/1/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com