Electronic Components Datasheet Search
  English  ▼

X  

EM1402 Datasheet(PDF) 2 Page - Protek Devices

Part # EM1402
Description  3 EMI FILTERS/2 TVS ARRAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EM1402 Datasheet(HTML) 2 Page - Protek Devices

  EM1402 Datasheet HTML 1Page - Protek Devices EM1402 Datasheet HTML 2Page - Protek Devices EM1402 Datasheet HTML 3Page - Protek Devices EM1402 Datasheet HTML 4Page - Protek Devices EM1402 Datasheet HTML 5Page - Protek Devices EM1402 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.protekdevices.com
05219.R0 4/05
EM1402
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-40°C to 85°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
DC Power Per Resistor
mW
100
P
Typical Resistance @ ± 20%
OHMS
100
R1
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ 3V
I
D
µA
TYPICAL
FORWARD
VOLTAGE
@10mA
V
F
VOLTS
TYPICAL
CAPACITANCE
PER LINE
(See Note 1)
@2.5V, 1 MHz
C
pF
EM1402
6.0
0.1
0.8
40
CUT-OFF
FREQUENCY
fc
MHz
77/85
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
MINIMUM
ATTENUATION
@
800-3000 MHz
dB
30
Note 1: ±20% tolerance.
Typical Resistance @ ± 20%
OHMS
47
R2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com