Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA375 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 22Page - Texas Instruments OPA375 Datasheet HTML 23Page - Texas Instruments OPA375 Datasheet HTML 24Page - Texas Instruments OPA375 Datasheet HTML 25Page - Texas Instruments OPA375 Datasheet HTML 26Page - Texas Instruments OPA375 Datasheet HTML 27Page - Texas Instruments OPA375 Datasheet HTML 28Page - Texas Instruments OPA375 Datasheet HTML 29Page - Texas Instruments OPA375 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
8 Detailed Description
8.1 Overview
The OPAx375 family is an ultra low-noise, rail-to-rail output operational amplifier. The device operates from
a supply voltage of 2.25 V to 5.5 V (OPA375) and 1.7 V to 5.5 V (OPA2375 and OPA4375), are unity-gain
stable, and suitable for a wide range of general-purpose applications. The input common-mode voltage range
includes the negative rail and allows the OPAx375 op amp family to be used in most single-supply applications.
Rail-to-rail output swing significantly increases dynamic range, especially in low-supply applications, and makes
it suitable for many audio applications and driving sampling analog-to-digital converters (ADCs).
8.2 Functional Block Diagram
Reference
Current
V+
V
IN-
V
IN+
V
(Ground)
-
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
8.3 Feature Description
8.3.1 THD + Noise Performance
The OPAx375 operational amplifier family has excellent distortion characteristics. OPA2375 and OPA4375 THD
+ Noise is below 0.00015% (G = +1, VO = 1 VRMS, VCM = 1.8 V, VS = 5.5 V) throughout the audio frequency
range, 20 Hz to 20 kHz, with a 10-kΩ load. The broadband noise of the 3.5 nV/√ Hz (OPA2375/4375) and 3.7
nV/√ Hz (OPA375) is extremely low for a 10-MHz general purpose amplifier.
8.3.2 Operating Voltage
The OPAx375 operational amplifier family is fully specified and can operate from 1.7 V to 5.5 V (OPA2375/4375)
and 2.25 V to 5.5 V (OPA375). In addition, many specifications apply from –40°C to 125°C. Power-supply pins
must be bypassed with 0.1-µF ceramic capacitors.
8.3.3 Rail-to-Rail Output
Designed as low-power, low-voltage op amps, the OPAx375 devices deliver a robust output drive capability.
A class AB output stage with common-source transistors achieves full rail-to-rail output swing capability. For
resistive loads of 10 kΩ, the output swings to within few mV of either supply rail, regardless of the applied
power-supply voltage. Different load conditions change the ability of the amplifier to swing close to the rails, see
Figure 7-71.
OPA375, OPA2375
SBOS886E – NOVEMBER 2017 – REVISED AUGUST 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA375 OPA2375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com