Electronic Components Datasheet Search
  English  ▼

X  

OPA4191 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4191
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4191 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA4191 Datasheet HTML 16Page - Texas Instruments OPA4191 Datasheet HTML 17Page - Texas Instruments OPA4191 Datasheet HTML 18Page - Texas Instruments OPA4191 Datasheet HTML 19Page - Texas Instruments OPA4191 Datasheet HTML 20Page - Texas Instruments OPA4191 Datasheet HTML 21Page - Texas Instruments OPA4191 Datasheet HTML 22Page - Texas Instruments OPA4191 Datasheet HTML 23Page - Texas Instruments OPA4191 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
7 Parameter Measurement Information
7.1 Input Offset Voltage Drift
The OPAx191 family of operational amplifiers is manufactured using TI’s e-trim operation amplifier technology.
This e-trim operational amplifier technology is a TI proprietary method of trimming internal device parameters
during either wafer probing or final testing. Each amplifier input offset voltage and input offset voltage drift is
trimmed in production, thereby minimizing errors associated with input offset voltage and input offset voltage
drift. When trimming input offset voltage drift, the systematic or linear drift error on each device is trimmed to
zero. Figure 7-1 illustrates this concept.
VOS before trim
VOS after trim
Linear component of drift
Linear component of drift
Temperature
Figure 7-1. Input Offset Before and After Drift Trim
A common method of specifying input offset voltage drift is the box method. The box method estimates a
maximum input offset drift by bounding an offset voltage versus temperature curve with a box and using the
corners of this bounding box to determine the drift. The slope of the line connecting the diagonal corners of
the box corresponds to the input offset voltage drift. Figure 7-2 illustrates the box method concept. The box
method works particularly well when the input offset drift is dominated by the linear component of drift, but
because the OPA191 family uses TI’s e-trim operational amplifier technology to remove the linear component
input offset voltage drift, the box method is not a particularly useful method of accurately performing an error
analysis. Shown in Figure 7-2 are 30 typical units of OPAx191 with the box method superimposed for illustrative
purposes. The boundaries of the box are determined by the specified temperature range along the x-axis and
the maximum specified input offset voltage across that same temperature range along the y-axis. Using the
box method predicts an input offset voltage drift of 0.9 µV/°C. As shown in Figure 7-2, the slopes of the actual
input offset voltage versus temperature are much less than that predicted by the box method. The box method
predicts a pessimistic value for the maximum input offset voltage drift and is not recommended when performing
an error analysis.
Temperature (qC)
Offset Voltage vs Temperature
-50
-25
0
25
50
75
100
125
150
-100
-75
-50
-25
0
25
50
75
100
Figure 7-2. The Box Method
OPA191, OPA2191, OPA4191
SBOS701D – DECEMBER 2015 – REVISED AUGUST 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA191 OPA2191 OPA4191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com