Electronic Components Datasheet Search
  English  ▼

X  

OPA387DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA387DBVT
Description  OPAx387 Ultra-High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA387DBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA387DBVT Datasheet HTML 1Page - Texas Instruments OPA387DBVT Datasheet HTML 2Page - Texas Instruments OPA387DBVT Datasheet HTML 3Page - Texas Instruments OPA387DBVT Datasheet HTML 4Page - Texas Instruments OPA387DBVT Datasheet HTML 5Page - Texas Instruments OPA387DBVT Datasheet HTML 6Page - Texas Instruments OPA387DBVT Datasheet HTML 7Page - Texas Instruments OPA387DBVT Datasheet HTML 8Page - Texas Instruments OPA387DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information: OPA387.................................... 6
6.5 Thermal Information: OPA2387.................................. 6
Thermal Information: OPA4387........................................ 6
6.6 Electrical Characteristics.............................................7
6.7 Typical Characteristics................................................ 9
7 Detailed Description......................................................14
7.1 Overview................................................................... 14
7.2 Functional Block Diagram......................................... 14
7.3 Feature Description...................................................15
7.4 Device Functional Modes..........................................15
8 Application and Implementation.................................. 16
8.1 Application Information............................................. 16
8.2 Typical Applications.................................................. 16
9 Power Supply Recommendations................................19
10 Layout...........................................................................19
10.1 Layout Guidelines................................................... 19
10.2 Layout Example...................................................... 19
11 Device and Documentation Support..........................20
11.1 Device Support........................................................20
11.2 Documentation Support.......................................... 20
11.3 Receiving Notification of Documentation Updates.. 20
11.4 Support Resources................................................. 20
11.5 Trademarks............................................................. 20
11.6 Electrostatic Discharge Caution.............................. 20
11.7 Glossary.................................................................. 21
12 Mechanical, Packaging, and Orderable
Information.................................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2021) to Revision D (October 2021)
Page
• Added OPA4387 advanced information (preview) device and associated content............................................ 1
• Changed low-input bias current Features bullet from 135 pA to 150 pA............................................................ 1
• Deleted input offset voltage MAX values for over temperature and common-mode voltage test conditions for
clarity.................................................................................................................................................................. 7
• Added input offset voltage over temperature TYP value to represent performance shown in typical
characteristics ....................................................................................................................................................7
• Changed maximum input bias current for OPA387 and OPA2387 from 135 pA to 150 pA................................ 7
• Changed maximum input offset current for OPA387 and OPA2387 from 270 pA to 300 pA.............................. 7
• Changed maximum open-loop voltage gain for OPA387 and OPA2387 from 132 dB to 135 dB....................... 7
• Changed settling time to 0.01% from 2.5 µs to 5.5 µs........................................................................................7
• Changed high linearity output swing from rail for RL = 2 kΩ from 75 mV to 150 mV ........................................ 7
• Changed short-circuit current for OPA387 at Vs = 1.7 V from ±25 mA to ±15 mA .......................................... 7
• Added open-loop output impedance at 1 MHz .................................................................................................. 7
• Changed Figure 6-13, PSRR and CMRR vs Frequency, to fit to CMRR and PSRR specifications in the
Electrical Characteristic table ............................................................................................................................ 9
• Changed Figure 6-24, Phase Margin vs Capacitive Load, to add test condition................................................ 9
Changes from Revision B (August 2021) to Revision C (October 2021)
Page
• Changed OPA387 from advanced information (preview) to production data (active).........................................1
Changes from Revision A (December 2020) to Revision B (August 2021)
Page
• Added OPA387 advanced information (preview) device and associated content.............................................. 1
Changes from Revision * (November 2020) to Revision A (December 2020)
Page
• Changed OPA2387 from advanced information (preview) to production data (active).......................................1
OPA387, OPA2387, OPA4387
SBOS984D – NOVEMBER 2020 – REVISED OCTOBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA387 OPA2387 OPA4387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com