Electronic Components Datasheet Search
  English  ▼

X  

LM3Z12VT1 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LM3Z12VT1
Description  Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM3Z12VT1 Datasheet(HTML) 5 Page - Leshan Radio Company

  LM3Z12VT1 Datasheet HTML 1Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 2Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 3Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 4Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 5Page - Leshan Radio Company LM3Z12VT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LM3Z2V4T1/D–5/6
LM3Z2V4T1 SERIES
Typical Characteristics
12
VZ, ZENER VOLTAGE (V)
100
10
1.0
0.1
0.01
10
8.0
6.0
4.0
2.0
0
TA = 25°C
VZ, ZENER VOLTAGE (V)
Figure 5. Zener Voltage versus Zener Current
(VZ Up to 12 V)
Figure 6. Zener Voltage versus Zener Current
(12 V to 75 V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25°C
TEMPERATURE (
°C)
25
0
100
40
20
0
50
75
100
125
150
80
60
Figure 7. Steady State Power Derating



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com