Electronic Components Datasheet Search
  English  ▼

X  

ADP5070 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP5070
Description  2.4 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070 Datasheet(HTML) 4 Page - Analog Devices

  ADP5070 Datasheet HTML 1Page - Analog Devices ADP5070 Datasheet HTML 2Page - Analog Devices ADP5070 Datasheet HTML 3Page - Analog Devices ADP5070 Datasheet HTML 4Page - Analog Devices ADP5070 Datasheet HTML 5Page - Analog Devices ADP5070 Datasheet HTML 6Page - Analog Devices ADP5070 Datasheet HTML 7Page - Analog Devices ADP5070 Datasheet HTML 8Page - Analog Devices ADP5070 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADP5074
Data Sheet
Rev. A | Page 4 of 17
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Error Amplifier (EA) Transconductance
gM
270
300
330
µA/V
Power FET On Resistance
RDS (ON)
200
mΩ
VIN = 5 V
Power FET Maximum Drain Source Voltage
VDS(MAX)
39
V
Current-Limit Threshold
ILIM
2.4
2.75
3.2
A
Minimum On Time
55
ns
Minimum Off Time
50
ns
SOFT START
Soft Start Timer
tSS
4
ms
SS = open
32
ms
SS resistor = 50 kΩ to GND
Hiccup Time
tHICCUP
8 × tSS
ms
THERMAL SHUTDOWN
Threshold
TSHDN
150
°C
Hysteresis
THYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com