Electronic Components Datasheet Search
  English  ▼

X  

ADP5075 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5075
Description  1.2 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5075 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5075 Datasheet HTML 8Page - Analog Devices ADP5075 Datasheet HTML 9Page - Analog Devices ADP5075 Datasheet HTML 10Page - Analog Devices ADP5075 Datasheet HTML 11Page - Analog Devices ADP5075 Datasheet HTML 12Page - Analog Devices ADP5075 Datasheet HTML 13Page - Analog Devices ADP5075 Datasheet HTML 14Page - Analog Devices ADP5075 Datasheet HTML 15Page - Analog Devices ADP5075 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADP5073
Data Sheet
Rev. A | Page 12 of 17
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP5073 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized to a specific design goal. These tools
allow the user to generate a full schematic, bill of materials, and
calculate performance in minutes. ADIsimPower can optimize
designs for cost, area, efficiency, and device count while taking
into consideration the operating conditions and limitations of
the IC and all real external components. The ADIsimPower tool
can be found at www.analog.com/adisimpower, and the user
can request an unpopulated board through the tool.
COMPONENT SELECTION
Feedback Resistors
The ADP5073 provides an adjustable output voltage. An external
resistor divider sets the output voltage, where the divider output
must equal the feedback reference voltage, VFB. To limit the output
voltage accuracy degradation due to feedback bias current, ensure
that the current through the divider is at least 10 × IFB.
Set the negative output for the inverting regulator by
(
)
FB
REF
FB
FT
FB
OUT
V
V
R
R
V
V
−
−
=
where:
VOUT is the negative output voltage.
VFB is the FB reference voltage.
RFT is the feedback resistor from VOUT to FB.
RFB is the feedback resistor from FB to VREF.
VREF is the VREF pin reference voltage.
Table 7 shows recommended values for common output
voltages using standard resistor values.
Table 7. Recommended Feedback Resistor Values
Desired Output
Voltage (V)
RFT (MΩ)
RFB (kΩ)
Actual Output
Voltage (V)
−1.8
0.332
102
−1.804
−3
0.475
100
−3.000
−3.3
0.523
102
−3.302
−4.2
0.715
115
−4.174
−5
1.15
158
−5.023
−9
1.62
133
−8.944
−12
1.15
71.5
−12.067
−13
2.8
162
−13.027
−15
2.32
118
−14.929
−18
2.67
113
−18.103
−20
2.94
113
−20.014
−24
3.16
102
−23.984
−30
4.12
107
−30.004
−35
5.11
115
−34.748
Output Capacitor
Higher output capacitor values reduce the output voltage ripple
and improve load transient response. When choosing this value,
it is also important to account for the loss of capacitance due to
the output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielectrics,
each with a different behavior over temperature and applied
voltage. Capacitors must have a dielectric adequate to ensure
the minimum capacitance over the necessary temperature range
and dc bias conditions. X5R or X7R dielectrics with a voltage rating
of 25 V or 50 V (depending on output) are recommended for
best performance. Y5V and Z5U dielectrics are not recommended
for use with any dc-to-dc converter because of their poor
temperature and dc bias characteristics.
Calculate the worst case capacitance accounting for capacitor
variation over temperature, component tolerance, and voltage
using the following equation:
CEFFECTIVE = CNOMINAL × (1 − TEMPCO) × (1 − DCBIASCO) ×
(1 − Tolerance)
where:
CEFFECTIVE is the effective capacitance at the operating voltage.
CNOMINAL is the nominal data sheet capacitance.
TEMPCO is the worst case capacitor temperature coefficient.
DCBIASCO is the dc bias derating at the output voltage.
Tolerance is the worst case component tolerance.
To guarantee the performance of the device, it is imperative that
the effects of dc bias, temperature, and tolerances on the behavior
of the capacitors be evaluated for each application.
Capacitors with lower effective series resistance (ESR) and
effective series inductance (ESL) are preferred to minimize
output voltage ripple.
Note that the use of large output capacitors may require a
slower soft start to prevent current limit during startup. A 10 µF
capacitor is suggested as a good balance between performance
and size.
Input Capacitor
Higher value input capacitors help reduce the input voltage
ripple and improve transient response.
To minimize supply noise, place the input capacitor as close as
possible to the AVIN and PVIN pins. A low ESR capacitor is
recommended.
For stability, the use of a good quality 10 µF ceramic capacitor
with low dc bias effects is recommended. If the power pins are
individually decoupled, it is recommended to use a minimum
of a 5.6 µF capacitor on the PVIN pin and a 3.3 µF capacitor on
the AVIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com