Electronic Components Datasheet Search
  English  ▼

X  

ADP5073 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5073
Description  2.4 A, DC-to-DC Inverting Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5073 Datasheet(HTML) 3 Page - Analog Devices

  ADP5073 Datasheet HTML 1Page - Analog Devices ADP5073 Datasheet HTML 2Page - Analog Devices ADP5073 Datasheet HTML 3Page - Analog Devices ADP5073 Datasheet HTML 4Page - Analog Devices ADP5073 Datasheet HTML 5Page - Analog Devices ADP5073 Datasheet HTML 6Page - Analog Devices ADP5073 Datasheet HTML 7Page - Analog Devices ADP5073 Datasheet HTML 8Page - Analog Devices ADP5073 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
ADP5074
Rev. A | Page 3 of 17
SPECIFICATIONS
PVIN = AVIN = 2.85 V to 15 V, VOUT = −15 V, fSW = 1200 kHz, TJ = −40°C to +125°C for minimum/maximum specifications, and TA =
25°C for typical specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT SUPPLY VOLTAGE RANGE
VIN
2.85
15
V
PVIN, AVIN
QUIESCENT CURRENT
Operating Quiescent Current
PVIN, AVIN (Total)
IQ
1.8
4.0
mA
No switching, EN = high, PVIN = AVIN =
5 V
Shutdown Current
ISHDN
5
10
µA
No switching, EN = low, PVIN = AVIN =
5 V, −40°C ≤ TJ ≤ +85°C
UVLO
System UVLO Threshold
AVIN
Rising
VUVLO_RISING
2.8
2.85
V
Falling
VUVLO_FALLING
2.5
2.55
V
Hysteresis
VHYS
0.25
V
OSCILLATOR CIRCUIT
Switching Frequency
fSW
1.130
1.200
1.270
MHz
SYNC/FREQ = low
2.240
2.400
2.560
MHz
SYNC/FREQ = high (connect to VREG)
SYNC/FREQ Input
Input Clock Range
fSYNC
1.000
2.600
MHz
Input Clock Minimum On Pulse Width
tSYNC_MIN_ON
100
ns
Input Clock Minimum Off Pulse Width
tSYNC_MIN_OFF
100
ns
Input Clock High Logic
VH (SYNC)
1.3
V
Input Clock Low Logic
VL (SYNC)
0.4
V
PRECISION ENABLING (EN)
High Level Threshold
VTH_H
1.125
1.15
1.175
V
Low Level Threshold
VTH_L
1.025
1.05
1.075
V
Shutdown Mode
VTH_S
0.4
V
Internal circuitry disabled to achieve ISHDN
Pull-Down Resistance
REN
1.48
MΩ
INTERNAL REGULATOR
VREG Output Voltage
VREG
4.25
V
INVERTING REGULATOR
Reference Voltage
VREF
1.60
V
Accuracy
−0.5
+0.5
%
TJ = 25°C
−1.5
+1.5
%
TJ = −40°C to +125°C
Feedback Voltage
VREF − VFB
0.8
V
Accuracy
−0.5
+0.5
%
TJ = 25°C
−1.5
+1.5
%
TJ = −40°C to +125°C
Feedback Bias Current
IFB
0.1
µA
Overvoltage Protection Threshold
VOV
0.74
V
At the FB pin after soft start is complete
Power-Good Threshold
VPG (GOOD)
0.7
V
VREF − VFB ≥ VPG (GOOD)
VPG (BAD)
0.68
V
VREF − VFB ≤ VPG (BAD)
Power-Good FET On Resistance
RDS_PG (ON)
28
Ω
Power-Good FET Maximum Drain Source
Voltage
VDS_PG(MAX)
5.5
V
Power-Good Supply Voltage
VPG(SUPPLY)
1.4
Voltage required on PVIN pin for power-
good FET to pull down
Load Regulation
∆(VREF − VFB)/
∆ILOAD
0.0006
%/A
ILOAD = 20 mA to 1500 mA (regulator
not in skip mode)
Line Regulation
∆(VREF − VFB)/
∆VVIN
0.02
%/V
VVIN = 2.85 V to 14.5 V, ILOAD = 15 mA
(regulator not in skip mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com