Electronic Components Datasheet Search
  English  ▼

X  

LC0408FC Datasheet(PDF) 4 Page - Protek Devices

Part # LC0408FC
Description  LOW CAPACITANCE FLIP CHIP ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0408FC Datasheet(HTML) 4 Page - Protek Devices

  LC0408FC Datasheet HTML 1Page - Protek Devices LC0408FC Datasheet HTML 2Page - Protek Devices LC0408FC Datasheet HTML 3Page - Protek Devices LC0408FC Datasheet HTML 4Page - Protek Devices LC0408FC Datasheet HTML 5Page - Protek Devices LC0408FC Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.protekdevices.com
05153.R6 4/05
LC0408FC3.3C
thru
LC0408FC36C
APPLICATION INFORMATION
Ramp-up
Ramp-down
Ramp-up
15 seconds
Solder Time
15-20 seconds
Ramp-down
T
S - Preheat
T
SMAX
T
SMIN
T
L
t 25°C to Peak
30-60 seconds
T
P
155°
140°
0.275mm
Round
Non-Solder Mask Defined Pads
0.325mm Round
0.150mm
0.330mm Round
No Clean
OSP(Entek Cu Plus 106A)
±50µm
±20µm
60 Seconds
270°C
Pad Size on PCB
Pad Shape
Pad Definition
Solder Mask Opening
Solder Stencil Thickness
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
Solder Paste Type
Pad Protective Finish
Tolerance - Edge To Corner Ball
Solder Ball Side Coplanarity
Maximum Dwell Time Above Liquidous (183°C)
Soldering Maximum Temperature
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
VALUE
REQUIREMENTS
Temperature:
T
P for Lead-Free (SnAgCu):
260-265°C
T
P for Tin-Lead: 240-245°C
Preheat time and temperature depends on solder paste and flux
activation temperature, component size, weight, surface area &
plating.
RECOMMENDED NON-SOLDER MASK
DEFINED PAD ILLUSTRATION
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Mask Opening
0.325mm DIA.
Solder Stencil Opening
0.330mm DIA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com