Electronic Components Datasheet Search
  English  ▼

X  

CP05C Datasheet(PDF) 1 Page - Protek Devices

Part # CP05C
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CP05C Datasheet(HTML) 1 Page - Protek Devices

  CP05C Datasheet HTML 1Page - Protek Devices CP05C Datasheet HTML 2Page - Protek Devices CP05C Datasheet HTML 3Page - Protek Devices CP05C Datasheet HTML 4Page - Protek Devices CP05C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CP05
thru
CP24C
1
05133.R7 4/05
www.protekdevices.com
STANDARD CAPACITANCE TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Ethernet - 10 Base T
✔ Cellular Phones
✔ Handheld Electronics
✔ FireWire & USB Interfaces
✔ Multiple I/O Ports or Power Supplies
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-Gnd) & Level 2(Line-Line)
FEATURES
✔ 200 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Monolithic Design
✔ Available in Multiple Voltage Types Ranging From 5V to 24V
✔ Protect 4 Bidirectional Lines & 5 Unidirectional Lines
✔ ESD Protection > 25 kilovolts
✔ Low Clamping Voltage
✔ Unidirectional & Bidirectional Configurations
✔ Low Leakage Current
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SOT-23-6 Package
✔ Weight 16 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Marking: Marking Code & Pin One Defined By DOT on Package
PIN CONFIGURATIONS
SOT-23-6
UNIDIRECTIONAL
1
6
5
2
3
4
1
6
5
2
3
4
BIDIRECTIONAL


Similar Part No. - CP05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
CP05C PROTEC-CP05C Datasheet
88Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
CP05C PROTEC-CP05C Datasheet
89Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
CP05C PROTEC-CP05C Datasheet
705Kb / 8P
MULTI-LINE TVS ARRAY
CP05C PROTEC-CP05C Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
More results

Similar Description - CP05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSOT03 PROTEC-PSOT03_07 Datasheet
64Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com