Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS573 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS573
Description  SN74HCS573 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS573 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS573 Datasheet HTML 1Page - Texas Instruments SN74HCS573 Datasheet HTML 2Page - Texas Instruments SN74HCS573 Datasheet HTML 3Page - Texas Instruments SN74HCS573 Datasheet HTML 4Page - Texas Instruments SN74HCS573 Datasheet HTML 5Page - Texas Instruments SN74HCS573 Datasheet HTML 6Page - Texas Instruments SN74HCS573 Datasheet HTML 7Page - Texas Instruments SN74HCS573 Datasheet HTML 8Page - Texas Instruments SN74HCS573 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN74HCS573 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State
Outputs, and Flow-Through Pinout
1 Features
• Available in wettable flank QFN (WBQB) package
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Parallel data storage
• Digital bus buffer
3 Description
The SN74HCS573 contains eight D-type latches.
All inputs include Schmitt-trigger architecture. All
channels share a latch enable (LE) input and output
enable (OE) input. This device has a flow-through
pinout which allows for easier bus routing.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS573RKS
VQFN (20)
4.50 mm × 2.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
SN74HCS573
SCLS876 – OCTOBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS573 TI-SN74HCS573 Datasheet
1Mb / 28P
SN74HCS573-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
DECEMBER 2021
SN74HCS573 TI-SN74HCS573 Datasheet
2Mb / 26P
SN74HCS573-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
FEBRUARY 2022
SN74HCS573 TI-SN74HCS573 Datasheet
1Mb / 25P
SN74HCS573 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
REVISED DECEMBER 2022
SN74HCS573-Q1 TI-SN74HCS573-Q1 Datasheet
1Mb / 28P
SN74HCS573-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
DECEMBER 2021
SN74HCS573-Q1 TI-SN74HCS573-Q1 Datasheet
2Mb / 26P
SN74HCS573-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
FEBRUARY 2022
More results

Similar Description - SN74HCS573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS373 TI-SN74HCS373 Datasheet
1Mb / 24P
SN74HCS373 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs and 3-State Outputs
SCLS878 ??OCTOBER 2021
SN74HCS574 TI-SN74HCS574 Datasheet
1Mb / 24P
SN74HCS574 Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
SCLS877 ??OCTOBER 2021
SN74HCS573-Q1 TI-SN74HCS573-Q1 Datasheet
1Mb / 28P
SN74HCS573-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
DECEMBER 2021
SN74HCS373-Q1 TI-SN74HCS373-Q1 Datasheet
1Mb / 30P
SN74HCS373-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs and 3-State Outputs
NOVEMBER 2021
SN74HCS373-Q1 TI-SN74HCS373-Q1_V01 Datasheet
2Mb / 28P
SN74HCS373-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs and 3-State Outputs
FEBRUARY 2022
SN74HCS573-Q1 TI-SN74HCS573-Q1_V01 Datasheet
2Mb / 26P
SN74HCS573-Q1 Automotive Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
FEBRUARY 2022
SN74HCS574-Q1 TI-SN74HCS574-Q1_V01 Datasheet
2Mb / 29P
SN74HCS574-Q1 Automotive Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
FEBRUARY 2022
SN74HCS373 TI-SN74HCS373_V01 Datasheet
1Mb / 25P
SN74HCS373 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs and 3- State Outputs
REVISED DECEMBER 2022
SN74HCS573 TI-SN74HCS573_V01 Datasheet
1Mb / 25P
SN74HCS573 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
REVISED DECEMBER 2022
SN74HCS574 TI-SN74HCS574_V01 Datasheet
1Mb / 25P
SN74HCS574 Octal D-Type Flip-Flops with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com