| Electronic Components Datasheet Search |
|
REF3433-EP Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3433-EP Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 31 page ![]() 10 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes, as well as validating and testing their design implementation to confirm system functionality. 10.1 Application Information As this device has many applications and setups, there are many situations that this datasheet can not characterize in detail. Basic applications includes positive/negative voltage reference and data acquisition systems. The table below shows the typical application of REF34xx and its companion ADC/DAC. Table 10-1. Typical Applications and Companion ADC/DAC Applications ADC/DAC PLC - DCS DAC8881, ADS8332, ADS8568, ADS8317, ADS8588S, ADS1287 Display Test Equipment ADS8332 Video Surveillance - Thermal Cameras ADS7279 Medical Blood Glucose Meter ADS1112 10.2 Typical Application: Basic Voltage Reference Connection The circuit shown in Figure 10-1 shows the basic configuration for the REF34xx references. Connect bypass capacitors according to the guidelines in Section 10.2.2.1. 10 10 Input Signal 124 1 nF ADS1287 VIN REF CIN 1µF COUT 10 µF - + REF34xx Copyright © 2017, Texas Instruments Incorporated Figure 10-1. Basic Reference Connection 10.2.1 Design Requirements A detailed design procedure is described based on a design example. For this design example, use the parameters listed in Table 10-2 as the input parameters. Table 10-2. Design Example Parameters DESIGN PARAMETER VALUE Input voltage VIN 5 V Output voltage VOUT 2.5 V REF34xx input capacitor 1 µF REF34xx output capacitor 10 µF www.ti.com REF3425, REF3430, REF3433, REF3440, REF3450 SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 19 Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |