| Electronic Components Datasheet Search |
|
REF3433IDBVR Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3433IDBVR Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 31 page ![]() 7.5 Electrical Characteristics At VIN = VOUT + VDO, COUT = 10 µF, CIN = 0.1 µF, IL = 0 mA, minimum and maximum specifications at TA = –40℃ to 125℃; Typical specifications at TA = 25℃ unless otherwise noted PARAMETER TEST CONDITION MIN TYP MAX UNIT ACCURACY AND DRIFT Output voltage accuracy TA = 25℃ –0.05 0.05 % Output voltage temperature coefficient (1) –40°C ≤ TA ≤ 125°C 2.5 6 ppm/°C LINE & LOAD REGULATION ΔVO/ΔVIN Line Regulation VIN = VOUT + VDO (2) to 12 V 2 15 ppm/V ΔVO/ΔIL Load Regulation IL = 0 mA to 10mA, VIN = VOUT+ VDO (3) Sourcing 20 30 ppm/mA IL = 0 mA to –10mA, VIN = VOUT+ VDO, TA = 25°C (3) Sinking, REF3425 40 70 Sinking, REF3430 43 75 Sinking, REF3433 48 84 Sinking, REF3440 60 98 Sinking, REF3450 70 140 ISC Short circuit current VOUT = 0 V at TA = 25°C 18 22 mA NOISE enp-p Low frequency noise (4) 0.1Hz ≤ f ≤ 10Hz 5 µVp-p/V 0.1Hz ≤ f ≤ 10Hz (REF3440 and REF3450) 3.8 en Integrated wide band noise 10Hz ≤ f ≤ 10kHz 24 µVrms en Output voltage noise density f = 1kHz 0.25 ppm/√Hz f = 1kHz (REF3440 and REF3450) 0.2 LONG TERM STABILITY AND HYSTERESIS Long-term stability (5) DBV Package 0 to 1000h at 35°C 25 ppm 1000h to 2000h at 35°C 10 Output voltage thermal hysteresis (6) DBV Package 25°C, –40°C,125°C, 25°C Cycle 1 30 ppm 25°C, –40°C,125°C, 25°C Cycle 2 10 TURN-ON TIME tON Turn-on time 0.1% of output voltage settling, CL = 10 µF 2.5 ms CAPACITIVE LOAD CL Stable output capacitor range –40°C ≤ TA ≤ 125°C 0.1 10 µF OUTPUT VOLTAGE VOUT Output voltage REF3425, REF3425T 2.5 V REF3430, REF3430T 3.0 REF3433, REF3433T 3.3 REF3440, REF3440T 4.096 REF3450, REF3450T 5.0 POWER SUPPLY VIN Input voltage VOUT + VDO 12 V IL Output current capacity VIN = VOUT + VDO to 12 V –10 10 mA IQ Quiescent current Active mode 72 95 µA Shutdown mode 2.5 3 www.ti.com REF3425, REF3430, REF3433, REF3440, REF3450 SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |