Electronic Components Datasheet Search
  English  ▼

X  

MIC4451 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC4451
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4451 Datasheet(HTML) 5 Page - Microchip Technology

  MIC4451 Datasheet HTML 1Page - Microchip Technology MIC4451 Datasheet HTML 2Page - Microchip Technology MIC4451 Datasheet HTML 3Page - Microchip Technology MIC4451 Datasheet HTML 4Page - Microchip Technology MIC4451 Datasheet HTML 5Page - Microchip Technology MIC4451 Datasheet HTML 6Page - Microchip Technology MIC4451 Datasheet HTML 7Page - Microchip Technology MIC4451 Datasheet HTML 8Page - Microchip Technology MIC4451 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006616A-page 5
MIC4451/52
Test Circuits
FIGURE 1-1:
Inverting Driver Switching
Time.
FIGURE 1-2:
Non-Inverting Driver
Switching Time.
FIGURE 1-3:
Peak Output Current Test Circuit.
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Ambient Operating Temperature Range
TA
0
—
+70
°C
Z Ordering Option
–40
—
+85
°C
Y Ordering Option
–40
—
+125
°C
V Ordering Option
Storage Temperature Range
TS
–65
—
+150
°C
—
Chip Operating Temperature
—
—
—
+150
°C
—
Lead Temperature
—
—
—
+300
°C
Soldering, 10 sec.
Package Thermal Resistance
Thermal Resistance, TO-220 5-Ld
θJC
—
10
—
°C/W —
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com