Electronic Components Datasheet Search
  English  ▼

X  

MIC4452VM Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC4452VM
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4452VM Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC4452VM Datasheet HTML 16Page - Microchip Technology MIC4452VM Datasheet HTML 17Page - Microchip Technology MIC4452VM Datasheet HTML 18Page - Microchip Technology MIC4452VM Datasheet HTML 19Page - Microchip Technology MIC4452VM Datasheet HTML 20Page - Microchip Technology MIC4452VM Datasheet HTML 21Page - Microchip Technology MIC4452VM Datasheet HTML 22Page - Microchip Technology MIC4452VM Datasheet HTML 23Page - Microchip Technology MIC4452VM Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006616A-page 21
MIC4451/52
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC4451YN:
MIC4451, –40°C to +85°C
Temperature Range,
8-Lead PDIP, 50/Tube
b) MIC4451YM:
MIC4451, –40°C to +85°C
Temperature Range,
8-Lead SOIC, 95/Tube
c) MIC4451YM-TR:
MIC4451, –40°C to +85°C
Temperature Range,
8-Lead SOIC, 2,500/Reel
d) MIC4451ZT:
MIC4451, 0°C to +70°C
Temperature Range,
5-Lead TO-220, 50/Tube
e) MIC4452YN:
MIC4452, –40°C to +85°C
Temperature Range,
8-Lead PDIP, 50/Tube
f) MIC4452YM:
MIC4452, –40°C to +85°C
Temperature Range,
8-Lead SOIC, 95/Tube
g) MIC4452YM-TR:
MIC4452, –40°C to +85°C
Temperature Range,
8-Lead SOIC, 2,500/Reel
h) MIC4452ZT:
MIC4452, 0°C to +70°C
Temperature Range,
5-Lead TO-220, 50/Tube
i) MIC4452VM:
MIC4452, –40°C to +125°C
Temperature Range,
8-Lead SOIC, 95/Tube
j) MIC4452VM-TR:
MIC4452, –40°C to +125°C
Temperature Range,
8-Lead SOIC, 2,500/Reel
Device:
MIC4451:
Inverting 12A Peak Low-Side MOSFET
Driver
MIC4452:
Non-Inverting 12A Peak Low-Side MOS-
FET Driver
Junction
Temperature
Range:
V
=
–40°C to +125°C (MIC4452 Only)
Y
=
–40°C to +85°C
Z
=
0°C to +70°C
Package:
M
=
8-Lead SOIC
N
=
8-Lead PDIP
T
=
5-Lead TO-220
Media Type:
<blank> = 50/Tube (TO-220 and PDIP Only)
<blank> = 95/Tube (SOIC Only)
TR
= 2,500/Reel (SOIC Only)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
PART No.
X
X
-XX
Device
Junction Temp. Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com