Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5071
Description  800 mA, DC-to-DC Inverting Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 5Page - Analog Devices ADP5071 Datasheet HTML 6Page - Analog Devices ADP5071 Datasheet HTML 7Page - Analog Devices ADP5071 Datasheet HTML 8Page - Analog Devices ADP5071 Datasheet HTML 9Page - Analog Devices ADP5071 Datasheet HTML 10Page - Analog Devices ADP5071 Datasheet HTML 11Page - Analog Devices ADP5071 Datasheet HTML 12Page - Analog Devices ADP5071 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
ADP5075
Rev. B | Page 9 of 19
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
1.13
1.27
1.25
1.23
1.21
1.19
1.17
1.15
Figure 15. Oscillator Frequency vs. Input Voltage (VIN) for Various
Temperatures, SYNC/FREQ Pin = Low
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
0
2
4
6
8
10
12
14
Figure 16. Shutdown Quiescent Current vs. Input Voltage (VIN) for Various
Temperatures, EN Pin Below Shutdown Threshold
0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
14
16
VIN (V)
–40°C
+25°C
+125°C
Figure 17. Operating Quiescent Current vs. Input Voltage (VIN) for Various
Temperatures, EN Pin On
CH1 1.00V BW
CH1 1.00V BW
VOUT
CH2 10.0mV BW
CH3 100mV BW
4.00ms
CH1
5.06V
1
3
2
T
12.4800ms
VIN
VFB
Figure 18. Line Transient Showing VIN, VOUT, and VFB, VIN = 4.5 V to 5.5 V Step,
VNEG = −12 V, RLOAD = 300 Ω, fSW = 1.2 MHz, TA = 25°C
CH2 10.0mV BW
CH3 50.0mV BW CH4 10.0mA BW
4.00ms
CH4
41.2mA
4
3
2
T
11.9600ms
VOUT
ILOAD
VFB
Figure 19. Load Transient Showing ILOAD, VOUT, and VFB, VIN = 5 V, VNEG = −12 V,
ILOAD = 35 mA to 45 mA Step, fSW = 1.2 MHz, TA = 25°C
CH2 5.00V BW
CH3 20.0mV BW CH4 50.0mA BW
4.00µs
CH2
3.10V
4
3
2
T
401.600µs
SW
IINDUCTOR
VNEG
Figure 20. Skip Mode Operation Showing Inductor Current (IINDUCTOR), Switch
Node Voltage, and Output Ripple, VIN = 5 V, VNEG = −5 V, ILOAD = 0.5 mA,
fSW = 1.2 MHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com