Electronic Components Datasheet Search
  English  ▼

X  

ADP5023 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5023
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5023 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5023 Datasheet HTML 3Page - Analog Devices ADP5023 Datasheet HTML 4Page - Analog Devices ADP5023 Datasheet HTML 5Page - Analog Devices ADP5023 Datasheet HTML 6Page - Analog Devices ADP5023 Datasheet HTML 7Page - Analog Devices ADP5023 Datasheet HTML 8Page - Analog Devices ADP5023 Datasheet HTML 9Page - Analog Devices ADP5023 Datasheet HTML 10Page - Analog Devices ADP5023 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADP5135
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1 = VIN2 = VIN3= 3.6 V, TA = 25°C, unless otherwise noted.
Figure 3. System Quiescent Current vs. Input Voltage, VOUT1 = 3.3 V,
VOUT2 = 1.8 V, VOUT3 = 1.2 V, All Channels Unloaded
Figure 4. BUCK1 Startup, VOUT1 = 1.2 V, IOUT1 = 10 mA
Figure 5. BUCK2 Startup, VOUT2 = 1.8 V, IOUT2 = 10 mA
Figure 6. BUCK3 Startup, VOUT3 = 3.3 V, IOUT3 = 20 mA
Figure 7. BUCK1 Load Regulation Across Input Voltage, VOUT1 = 3.3 V,
PWM Mode
Figure 8. BUCK2 Load Regulation Across Input Voltage, VOUT2 = 1.8 V,
PWM Mode
160
0
20
40
60
80
100
120
140
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
CH1 1.0V
CH2 5.0V
CH3 50mA CH4 5.0V
M100µs
A CH4
2.60V
1
4
3
2
T 10.30%
T
VSW1
IOUT1
VOUT1
VEN1
CH1 2.0V
CH2 5.0V
CH3 100mA CH4 5.0V
M100µs
A CH4
2.60V
1
4
3
2
T 10.30%
T
VSW2
IOUT2
VOUT2
VEN2
CH1 2.0V
CH2 5.0V
CH3 100mA CH4 5.0V
M100µs
A CH4
2.60V
1
4
3
2
T 10.30%
T
VSW3
IOUT3
VOUT3
VEN3
IOUT1 (A)
3.27
3.28
3.29
3.30
3.31
3.32
3.33
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VIN1 = 3.9V
VIN1 = 4.2V
VIN1 = 5.5V
IOUT2 (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.785
1.790
1.795
1.800
1.805
1.810
VIN2 = 3.0V
VIN2 = 3.6V
VIN2 = 4.2V
VIN2 = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com