Electronic Components Datasheet Search
  English  ▼

X  

ADP5072 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5072
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5072 Datasheet HTML 4Page - Analog Devices ADP5072 Datasheet HTML 5Page - Analog Devices ADP5072 Datasheet HTML 6Page - Analog Devices ADP5072 Datasheet HTML 7Page - Analog Devices ADP5072 Datasheet HTML 8Page - Analog Devices ADP5072 Datasheet HTML 9Page - Analog Devices ADP5072 Datasheet HTML 10Page - Analog Devices ADP5072 Datasheet HTML 11Page - Analog Devices ADP5072 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADP5076
Data Sheet
Rev. A | Page 8 of 23
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
CURRENT LOAD (A)
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
VIN = 5V, fSW = 1.2MHz
VIN = 5V, fSW = 2.4MHz
Figure 9. Boost Regulator Efficiency vs. Current Load, VPOS = 9 V, TA = 25°C
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
CURRENT LOAD (A)
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
VIN = 5V, fSW = 1.2MHz
VIN = 5V, fSW = 2.4MHz
Figure 10. Boost Regulator Efficiency vs. Current Load, VPOS = 15 V, TA = 25°C
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
CURRENT LOAD (A)
VIN = 3.3V, fSW = 1.2MHz
VIN = 5V, fSW = 1.2MHz
VIN = 5V, fSW = 2.4MHz
Figure 11. Boost Regulator Efficiency vs. Current Load, VPOS = 35 V,
TA = 25°C
0
10
20
30
40
50
60
70
80
100
90
0.001
0.01
0.1
1
CURRENT LOAD (A)
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
VIN = 5.0V, fSW = 1.2MHz
VIN = 5.0V, fSW = 2.4MHz
Figure 12. Inverting Regulator Efficiency vs. Current Load, VNEG = −9 V,
TA = 25°C
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
CURRENT LOAD (A)
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
VIN = 5V, fSW = 1.2MHz
VIN = 5V, fSW = 2.4MHz
Figure 13. Inverting Regulator Efficiency vs. Current Load, VNEG = −15 V,
TA = 25°C
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
CURRENT LOAD (A)
VIN = 3.3V, fSW = 1.2MHz
VIN = 5V, fSW = 1.2MHz
VIN = 5V, fSW = 2.4MHz
Figure 14. Inverting Regulator Efficiency vs. Current Load, VNEG = −30 V,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com