Electronic Components Datasheet Search
  English  ▼

X  

A8C Datasheet(PDF) 2 Page - Leshan Radio Company

Part # A8C
Description  BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

A8C Datasheet(HTML) 2 Page - Leshan Radio Company

  A8C Datasheet HTML 1Page - Leshan Radio Company A8C Datasheet HTML 2Page - Leshan Radio Company A8C Datasheet HTML 3Page - Leshan Radio Company A8C Datasheet HTML 4Page - Leshan Radio Company A8C Datasheet HTML 5Page - Leshan Radio Company A8C Datasheet HTML 6Page - Leshan Radio Company A8C Datasheet HTML 7Page - Leshan Radio Company A8C Datasheet HTML 8Page - Leshan Radio Company A8C Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN2211S–2/11
LMUN2211LT1 Series
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance – Junction-to-Ambient (Note 1.)
RθJA
508
°C/W
Operating and Storage Temperature Range
TJ,Tstg
–55 to +150
°C
Maximum Temperature for Soldering Purposes,
Time in Solder Bath
TL
260
10
°C
Sec
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
–
–
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
–
–
500
nAdc
Emitter-Base Cutoff Current
LMUN2211LT1
(VEB = 6.0 V, IC = 0)
LMUN2212LT1
LMUN2213LT1
LMUN2214LT1
LMUN2215LT1
LMUN2216LT1
LMUN2230LT1
LMUN2231LT1
LMUN2232LT1
LMUN2233LT1
LMUN2234LT1
LMUN2235LT1
LMUN2238LT1
LMUN2241LT1
IEBO
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
4.0
0.1
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
–
–
Vdc
Collector-Emitter Breakdown Voltage (Note 2.), (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
–
–
Vdc
ON CHARACTERISTICS (Note 2.)
DC Current Gain
LMUN2211LT1
(VCE = 10 V, IC = 5.0 mA)
LMUN2212LT1
LMUN2213LT1
LMUN2214LT1
LMUN2215LT1
LMUN2216LT1
LMUN2230LT1
LMUN2231LT1
LMUN2232LT1
LMUN2233LT1
LMUN2234LT1
LMUN2235LT1
LMUN2238LT1
LMUN2241LT1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
160
160
60
100
140
140
350
350
5.0
15
30
200
150
140
350
350
–
–
–
–
–
–
–
–
–
–
–
–
–
–
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) LMUN2230LT1/LMUN2231LT1
(IC = 10 mA, IB = 1 mA) LMUN2215LT1/LMUN2216LT1
LMUN2232LT1/LMUN2233LT1/LMUN2234LT1/
LMUN2235LT1/LMUN2238LT1
VCE(sat)
–
–
0.25
Vdc
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com