Electronic Components Datasheet Search
  English  ▼

X  

ADP5033 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5033
Description  Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5033 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5033 Datasheet HTML 5Page - Analog Devices ADP5033 Datasheet HTML 6Page - Analog Devices ADP5033 Datasheet HTML 7Page - Analog Devices ADP5033 Datasheet HTML 8Page - Analog Devices ADP5033 Datasheet HTML 9Page - Analog Devices ADP5033 Datasheet HTML 10Page - Analog Devices ADP5033 Datasheet HTML 11Page - Analog Devices ADP5033 Datasheet HTML 12Page - Analog Devices ADP5033 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADP5135
Rev. 0 | Page 9 of 24
Figure 15. BUCK3 Efficiency vs. Load Current, Across Input Voltage,
VOUT3 = 1.2 V, PWM Mode
Figure 16. BUCK1 Efficiency vs. Load Current, Across Temperature,
VOUT1 = 3.3 V, Auto Mode
Figure 17. BUCK2 Efficiency vs. Load Current, Across Temperature,
VOUT2 = 1.8 V, Auto Mode
Figure 18. BUCK3 Efficiency vs. Load Current, Across Temperature,
VOUT3 = 1.2 V, Auto Mode
Figure 19. BUCK2 Switching Frequency vs. Load Current, Across Temperature,
VOUT2 = 1.8 V, PWM Mode
Figure 20. Typical Waveforms, VOUT1 = 3.3 V, Load Current = 50 mA,
Auto Mode
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
VIN3 = 3.6V
VIN3 = 3.0V
VIN3 = 4.2V
VIN3 = 5.5V
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
TA = –40°C
TA = +25°C
TA = +85°C
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
TA = –40°C
TA = +25°C
TA = +85°C
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
TA = –40°C
TA = +25°C
TA = +85°C
LOAD CURRENT (mA)
0
200
400
600
800
1000
1200
1400
1600
1800
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
TA = –40°C
TA = +25°C
TA = +85°C
CH1 20mV
CH2 2.0V
CH3 500mA
M8.0µs
A CH2
2.20V
1
3
2
T 10.20%
T
ISW1
VSW1
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com