Electronic Components Datasheet Search
  English  ▼

X  

LR324M Datasheet(PDF) 7 Page - Leshan Radio Company

Part # LR324M
Description  Internally Frequency Compensated, Large Voltage Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR324M Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button LR324M Datasheet HTML 2Page - Leshan Radio Company LR324M Datasheet HTML 3Page - Leshan Radio Company LR324M Datasheet HTML 4Page - Leshan Radio Company LR324M Datasheet HTML 5Page - Leshan Radio Company LR324M Datasheet HTML 6Page - Leshan Radio Company LR324M Datasheet HTML 7Page - Leshan Radio Company LR324M Datasheet HTML 8Page - Leshan Radio Company LR324M Datasheet HTML 9Page - Leshan Radio Company LR324M Datasheet HTML 10Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Applications
Figure 16. DC Summing Amplifier
Figure 17. Power Amplifier
R6 100K
V
O
R5
100K
R1 100K
R2 100K
R3 100K
R4 100K
+V
1
+V
2
+V
3
+V
4
1/4
LR324
+
-
R1 910K
V
O
R2 100K
R3 91K
V
IN(+)
V
CC
R
L
1/4
LR324
-
+
Figure 15. Battery Charger
AC
Line
SMPS
R2
Current
Sense
R7
R8
Battery
Pack
R4
R3
LR431
R5
R6
R1
Opto
Isolator
V
CC
GND
GND
-
+
1/4
LR324
+
-
1/4
LR324
LESHAN RADIO COMPANY, LTD.
LR324–7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com