Electronic Components Datasheet Search
  English  ▼

X  

LR324P Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR324P
Description  Internally Frequency Compensated, Large Voltage Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR324P Datasheet(HTML) 1 Page - Leshan Radio Company

  LR324P Datasheet HTML 1Page - Leshan Radio Company LR324P Datasheet HTML 2Page - Leshan Radio Company LR324P Datasheet HTML 3Page - Leshan Radio Company LR324P Datasheet HTML 4Page - Leshan Radio Company LR324P Datasheet HTML 5Page - Leshan Radio Company LR324P Datasheet HTML 6Page - Leshan Radio Company LR324P Datasheet HTML 7Page - Leshan Radio Company LR324P Datasheet HTML 8Page - Leshan Radio Company LR324P Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The
LR324 consists of four independent, high gain and
internally frequency compensated operational amplifi-
ers. It is specifically designed to operate from a single
power supply. Operation from split power supply is
also possible and the low power supply current drain is
independent of the magnitude of the power supply
voltages.
The
LR324 series are Compatible with Industry stan-
dard 324.
The
LR324 series are available in 2 Packages: DIP-14
and SOIC-14.
Features
Internally Frequency Compensated
Large Voltage Gain
Low Input Bias Current
Low Input Offset Voltage
Large Output Voltage Swing
Wide Power Supply Voltage Range:
Single Supply 3V to
30Vor
Dual Supplies ± 1.5V to ±
15V
Low Supply Current Drain:
600 A
Applications
Battery Charger
Cordless Telephone
Switching Power Supply
Figure 1. Package Types of
LR324
DIP-14
SOIC-14
LESHAN RADIO COMPANY, LTD.
LR324–1/10


Similar Part No. - LR324P

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR324 LRC-LR324 Datasheet
223Kb / 10P
Internally Frequency Compensated Large Voltage Gain
LR324D LRC-LR324D Datasheet
223Kb / 10P
Internally Frequency Compensated Large Voltage Gain
LR324 LRC-LR324_12 Datasheet
223Kb / 10P
Internally Frequency Compensated Large Voltage Gain
LR324 LRC-LR324_15 Datasheet
223Kb / 10P
Internally Frequency Compensated
More results

Similar Description - LR324P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECG941 ETC1-ECG941 Datasheet
507Kb / 8P
INTERNALLY-COMPENSATED OPERATIONAL AMPLIFIER
logo
Advanced Monolithic Sys...
AMS358 AMS-AMS358 Datasheet
1Mb / 7P
Internally frequency compensated for UNITY GAIN
logo
Leshan Radio Company
LR324 LRC-LR324_12 Datasheet
223Kb / 10P
Internally Frequency Compensated Large Voltage Gain
LR358 LRC-LR358_12 Datasheet
202Kb / 9P
Internally Frequency Compensation Large Voltage Gain
logo
Fairchild Semiconductor
LM258AMX FAIRCHILD-LM258AMX Datasheet
161Kb / 12P
Internally Frequency Compensated for Unity Gain
logo
Leshan Radio Company
LR324 LRC-LR324_15 Datasheet
223Kb / 10P
Internally Frequency Compensated
LR358 LRC-LR358_15 Datasheet
202Kb / 9P
Large Voltage Gain
logo
Unisonic Technologies
UD36061G-AG6-R UTC-UD36061G-AG6-R Datasheet
198Kb / 6P
Internally Compensated
logo
ARTSCHIP ELECTRONICS CO...
LM158 ARTSCHIP-LM158 Datasheet
252Kb / 16P
Frequency - Compensated
logo
ON Semiconductor
MC1741C ONSEMI-MC1741C Datasheet
86Kb / 8P
Internally Compensated, High Performance Operational Amplifier
April, 2000 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com