Electronic Components Datasheet Search
  English  ▼

X  

LR1084 Datasheet(PDF) 9 Page - Leshan Radio Company

Part # LR1084
Description  Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1084 Datasheet(HTML) 9 Page - Leshan Radio Company

Back Button LR1084 Datasheet HTML 4Page - Leshan Radio Company LR1084 Datasheet HTML 5Page - Leshan Radio Company LR1084 Datasheet HTML 6Page - Leshan Radio Company LR1084 Datasheet HTML 7Page - Leshan Radio Company LR1084 Datasheet HTML 8Page - Leshan Radio Company LR1084 Datasheet HTML 9Page - Leshan Radio Company LR1084 Datasheet HTML 10Page - Leshan Radio Company LR1084 Datasheet HTML 11Page - Leshan Radio Company LR1084 Datasheet HTML 12Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Typical Applications
LESHAN RADIO COMPANY, LTD.
LR1084-9/12
IN
LR1084-XX
OUT
3
1
2
22UF
10UF
VOUT
VIN
Fig 11. Fixed Output Regulator
IN
LR1084-ADJ OUT
ADJ
3
1
2
22UF
10UF
VOUT=1.25V
VIN
R1
120
22UF
IN
LR1084-ADJ OUT
ADJ
3
1
2
10UF
VOUT
VIN
R2
R1
120
VREF
22UF
10UF
IN
LR1084-ADJ OUT
ADJ
3
1
2
10UF
VOUT
VIN
R2
R1
120
VREF
FIG 12 . Adjustable Output 1.25 Voltage Application Circuit
FIG 13 . Adjustable Output Voltage Application Circuit
FIG 14 . Adjustable Output Voltage Application with improved Ripple Rejection
Adjustable Output Voltage VOUT=VREF*(1+R2/R1)+IADJ*R2 Or VOUT=VREF(1+R2/R1) , VREF=1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com