Electronic Components Datasheet Search
  English  ▼

X  

S25VB100 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # S25VB100
Description  High Current Glass Passivated Single-Phase Bridge Rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S25VB100 Datasheet(HTML) 1 Page - Leshan Radio Company

  S25VB100 Datasheet HTML 1Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LESHAN RADIO COMPANY, LTD.
S25VB10 Thru S25VB100
High Current Glass Passivated Single-Phase Bridge Rectifier
FEATURES
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
High current capacity with small package
Glass passivated chip junctions
Superior thermal conductivity
High IFSM
Maximum Ratings & Thermal Characteristics Ratings at 25
ambient temperature unless otherwise specified.
Item
Symbol S25VB10 S25VB20 S25VB40 S25VB60 S25VB80 S25VB100
Unit
Maximum repetitive voltage
VRM
100
200
400
600
800
1000
V
Maximum DC reverse current TA=25℃
IR
10
μ
A
at rated DC blocking voltage TA=125℃
500
Average recified forward current 60Hz sine
Io
25
A
wave,R-load with heatsink Tc=100℃
Peak forward surge current 8.3 ms single half
IFSM
300
A
sine-wave superimposed on rated load
Dielectric strength Terminals to case,
Vdia
2
KV
AC 1 minute Current 1mA
Max instantaneous forward voltage at 12.5A
VF
1.1
V
Operating junction temperature
Tj
125
℃
Storage temperature
Tstg
-40~150
℃


Similar Part No. - S25VB100

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
S25VB100 YANGJIE-S25VB100 Datasheet
91Kb / 2P
Bridge Rectifier
logo
Leshan Radio Company
S25VB100 LRC-S25VB100 Datasheet
223Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Kingtronics Internation...
S25VB100 KINGTRONICS-S25VB100 Datasheet
362Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
logo
Suntan Capacitors
S25VB100 SUNTAN-S25VB100 Datasheet
248Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
S25VB100 YANGJIE-S25VB100 Datasheet
93Kb / 2P
Bridge Rectifier
More results

Similar Description - S25VB100

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S15VB10 LRC-S15VB10 Datasheet
45Kb / 2P
High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBPC50S WTE-GBPC50S Datasheet
73Kb / 4P
50A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D5SB10 LRC-D5SB10 Datasheet
247Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510M LRC-MP3510M Datasheet
206Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com