Electronic Components Datasheet Search
  English  ▼

X  

AS5132 Datasheet(PDF) 12 Page - ams AG

Part # AS5132
Description  360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 12 Page - ams AG

Back Button AS5132 Datasheet HTML 8Page - ams AG AS5132 Datasheet HTML 9Page - ams AG AS5132 Datasheet HTML 10Page - ams AG AS5132 Datasheet HTML 11Page - ams AG AS5132 Datasheet HTML 12Page - ams AG AS5132 Datasheet HTML 13Page - ams AG AS5132 Datasheet HTML 14Page - ams AG AS5132 Datasheet HTML 15Page - ams AG AS5132 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Page 12
ams Datasheet
Document Feedback
[v2-06] 2016-Jan-26
AS5132 − Detailed Description
Synchronous Serial Interface (SSI)
The absolute angle data can be read out over the synchronous
serial interface using the pins CSN, DIO and CLK. It is a
bidirectional interface therefore a read or write access is
possible. The organization of the protocol is byte wise and starts
with the command byte followed by the data information.
Figure 14:
Read / Write Serial Data Transmission
Figure 14 shows the connection of the AS5132 to a micro
controller. Depending on the command byte are different
access types possible. In normal mode the number of clocks is
equal the number of data bits.
Figure 15:
Data Organization of the SSI Protocol 16-Bit Data
* DIO output pin is connected internally to the VDDP voltage domain. VDD and VDDP can be separately
connected too.
** Recommend pull-up resistor (typ. 10kOhm)
***Depending on the use case:
- Application use case (connection to VDD or leave unconnected. Capacitive load during operation
and startup not allowed)
- Programming use case (see Figure 24)
100nF
VDD
Micro-
Controller
VSS
VSS
AS5132
Typ. 10kOhm**
CSN
VDDP* VDD
Output
VSS
+5V
VDD
PROG***
I/0
DIO
CLK
Output
Command Byte
R/
W Data
MSB
LSB MSB
LSB
76
5
4
3
2
1
0
0
1
2
3
4
15
14
13
12
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com