Electronic Components Datasheet Search
  English  ▼

X  

AS3955 Datasheet(PDF) 75 Page - ams AG

Part # AS3955
Description  NFC Forum Compliant Dynamic Tag
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Datasheet(HTML) 75 Page - ams AG

Back Button AS3955 Datasheet HTML 71Page - ams AG AS3955 Datasheet HTML 72Page - ams AG AS3955 Datasheet HTML 73Page - ams AG AS3955 Datasheet HTML 74Page - ams AG AS3955 Datasheet HTML 75Page - ams AG AS3955 Datasheet HTML 76Page - ams AG AS3955 Datasheet HTML 77Page - ams AG AS3955 Datasheet HTML 78Page - ams AG AS3955 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
ams Datasheet
Page 75
[v1-04] 2016-Feb-03
Document Feedback
AS3955 − Detailed Description
Direct Commands
Figure 83:
List of Direct Commands
Set Default
This direct command puts the AS3955 in the same state as
power-up initialization except for I²C bit in register IC Status
Display Register that defines the interface and IO Configuration
Register, which are not cleared.
Clear Buffer
Clears buffer, buffer overflow and underflow bits.
Restart Transceiver
Resets protocol logic to its initial state except for the tag state.
This interrupts all receptions and transmissions that are being
processed at the time.
Command Byte
Value <hex>
Command
Comments
C2
Set Default
Set AS3955 to default state
C4
Clear Buffer
Clears buffer and its error flags
C6
Restart Transceiver
Restarts transceiver communication logics
C7
Disable/Enable Transceiver
Toggles disable transceiver bit
C8
Transmit Buffer
Starts a transmit sequence of the buffer content
C9
Transmit ACK
Transmits NFC ACK reply
CA
Transmit NACK 0
Transmits NFC NAK reply with code 0h
CB
Transmit NACK 1
Transmits NFC NAK reply with code 1h
CD
Transmit NACK 4
Transmits NFC NAK reply with code 4h
CC
Transmit NACK 5
Transmits NFC NAK reply with code 5h
D0
Go To Sleep
Puts a tag in SLEEP state
D1
Go To Sense
Puts a tag in SENSE state
D2
Go To Sense / Sleep
Puts a tag in SENSE or SLEEP state depending
on the internal AS3955 state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com