Electronic Components Datasheet Search
  English  ▼

X  

AS5045 Datasheet(PDF) 37 Page - ams AG

Part # AS5045
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 37 Page - ams AG

Back Button AS5045_V01 Datasheet HTML 33Page - ams AG AS5045_V01 Datasheet HTML 34Page - ams AG AS5045_V01 Datasheet HTML 35Page - ams AG AS5045_V01 Datasheet HTML 36Page - ams AG AS5045_V01 Datasheet HTML 37Page - ams AG AS5045_V01 Datasheet HTML 38Page - ams AG AS5045_V01 Datasheet HTML 39Page - ams AG AS5045_V01 Datasheet HTML 40Page - ams AG AS5045_V01 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
ams Datasheet
Page 37
[v2-01] 2017-Jul-13
Document Feedback
AS5045 − Detailed Description
Pin 12
PWM output: frequency selectable by
OTP:
1μs / step, 4096 steps per revolution,
f=244Hz 2μs/ step, 4096 steps per
revolution, f=122Hz
PWM output:
1μs / step, 1024 steps per revolution,
976Hz PWM frequency
Sampling frequency
Selectable by MODE input pin: 2.5kHz,
10kHz
Fixed at 10kHz @10bit resolution
Propagation delay
384μs (slow mode)
96μs (fast mode)
48μs
Transition noise
(rms; 1sigma)
0.03 degrees max. (slow mode)
0.06 degrees max. (fast mode)
0.12 degrees
OTP programming
options
Zero position, rotational direction, PWM
disable, 2 Magnetic Field indicator
modes, 2 PWM frequencies
Zero position, rotational direction,
incremental modes, index bit width.
Building Block
AS5045
AS5040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com