Electronic Components Datasheet Search
  English  ▼

X  

AS5047D Datasheet(PDF) 22 Page - ams AG

Part # AS5047D
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 22 Page - ams AG

Back Button AS5047D Datasheet HTML 18Page - ams AG AS5047D Datasheet HTML 19Page - ams AG AS5047D Datasheet HTML 20Page - ams AG AS5047D Datasheet HTML 21Page - ams AG AS5047D Datasheet HTML 22Page - ams AG AS5047D Datasheet HTML 23Page - ams AG AS5047D Datasheet HTML 24Page - ams AG AS5047D Datasheet HTML 25Page - ams AG AS5047D Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-07] 2016-Apr-27
AS5047D − Detailed Description
PWM
The PWM can be enabled with the bit setting PWMon. The PWM
encoded signal is displayed on the pin W or the pin I. The bit
setting UVW_ABI defines which output is used as PWM.The
PWM output consists of a frame of 4119 PWM clock periods, as
shown in Figure 33. The PWM frame has the following sections:
• 12 PWM clocks for INIT
• 4 PWM clocks for error detection
• 4095 PWM clock periods of data
• 8 PWM clock periods low
The angle is represented in the data part of the frame with a
12-bit resolution. One PWM clock period represents 0.088
degree and has a typical duration of 444 ns.
If the embedded diagnostic of the AS5047D detects any error
the PWM interface displays only 12 clock periods high
(0.3% duty-cycle). Respectively the 4 clocks for error detection
are forced to low.
Figure 33:
Pulse Width Modulation Encoded Signal




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com