Electronic Components Datasheet Search
  English  ▼

X  

AS5050A Datasheet(PDF) 22 Page - ams AG

Part # AS5050A
Description  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050A Datasheet(HTML) 22 Page - ams AG

Back Button AS5050A Datasheet HTML 18Page - ams AG AS5050A Datasheet HTML 19Page - ams AG AS5050A Datasheet HTML 20Page - ams AG AS5050A Datasheet HTML 21Page - ams AG AS5050A Datasheet HTML 22Page - ams AG AS5050A Datasheet HTML 23Page - ams AG AS5050A Datasheet HTML 24Page - ams AG AS5050A Datasheet HTML 25Page - ams AG AS5050A Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Page 22
ams Datasheet
Document Feedback
[v2-06] 2014-Oct-14
AS5050A − Error Monitoring
Alarm Bits
Figure 30:
Alarm Bits
Error Status (0x335A)
For detailed information of the Error Status Register please refer
to “Error Monitoring” on page 22.
System Configuration Register 1 (0x3F20)
The gain setting can be configured in system configuration
register 1. This register contains factory settings. To change the
gain setting, read out the register, modify the gain setting and
write the new configuration. The factory settings must not be
changed.
Figure 31:
System Configuration Register
The correct operation and communication of the AS5050A is
ensured by several error flags. Every read access is supported
by a communication error flag (EF) to indicate a transmission
error in a previous host transmission.
For additional information on the Error Status, please refer to
the application note AN5000_ErrorMonitoring.
Alarm Hi
Alarm Lo
Description
00
AGC level is higher than the minimum value and lower than the maximum
value.
0
1
AGC level is higher than the maximum level. The magnetic field is too weak.
1
0
AGC level is lower than the minimum level. The magnetic field is too strong.
11
Indicates if a major system error has occurred during the last READ ANGLE
command or if the WOW flag is active. During active WOW a READ ANGLE
command must not be sent. Error flags can be read out with the
error status register.
Name
Read/Write
Bit Position
Description
Resolution
R
13:12
01 indicates 10 bit resolution
Chip ID
R
11:9
Silicon version 010
Factory Setting
R/W
8:5
Don't change
Gain
R/W
4:3
Sets gain setting
Factory Setting
R/W
2:0
Don't change
Error Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com