Electronic Components Datasheet Search
  English  ▼

X  

TSL2541 Datasheet(PDF) 22 Page - ams AG

Part # TSL2541
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2541 Datasheet(HTML) 22 Page - ams AG

Back Button TSL2541 Datasheet HTML 18Page - ams AG TSL2541 Datasheet HTML 19Page - ams AG TSL2541 Datasheet HTML 20Page - ams AG TSL2541 Datasheet HTML 21Page - ams AG TSL2541 Datasheet HTML 22Page - ams AG TSL2541 Datasheet HTML 23Page - ams AG TSL2541 Datasheet HTML 24Page - ams AG TSL2541 Datasheet HTML 25Page - ams AG TSL2541 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-01] 2018-Jan-23
TSL2541 − Register Description
CFG2 Register (Address 0x9F)
Figure 32:
CFG2 Register
The ALS gain can be adjusted by setting the two AGAIN bits as
well as the AGAINMAX and AGAINL bits which yields an overall
range from ½x to 128x.
Figure 33:
AGAIN Range
Addr: 0x9F
CFG2
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
RW
Reserved.
4AGAINMAX
0
RW
This bit adjusts the overall ALS gain factor. See
Figure 33 for recommended settings and
corresponding overall ALS gain factor.
3
Reserved
0
RW
Reserved.
2AGAINL
1
RW
This bit adjusts the overall ALS gain factor. See
Figure 33 for recommended settings and
corresponding overall ALS gain factor.
1:0
Reserved
00
RW
Reserved.
AGAIN[1]
AGAIN[0]
AGAINMAX
AGAINL
Overall ALS Gain
00
0
0
½
00
0
1
1
01
0
1
4
10
0
1
16
11
0
1
64
11
1
1
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com