Electronic Components Datasheet Search
  English  ▼

X  

TSL257 Datasheet(PDF) 12 Page - ams AG

Part # TSL257
Description  High-Sensitivity Light-to-Voltage Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL257 Datasheet(HTML) 12 Page - ams AG

Back Button TSL257 Datasheet HTML 8Page - ams AG TSL257 Datasheet HTML 9Page - ams AG TSL257 Datasheet HTML 10Page - ams AG TSL257 Datasheet HTML 11Page - ams AG TSL257 Datasheet HTML 12Page - ams AG TSL257 Datasheet HTML 13Page - ams AG TSL257 Datasheet HTML 14Page - ams AG TSL257 Datasheet HTML 15Page - ams AG TSL257 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-00] 2016-Jul-25
TSL257 − Pack age Mechanical Data
The device is supplied in a clear plastic three-lead sidelooker
through-hole package (S).
Plastic Single-In-Line Side-Looker Package
Figure 16:
Package S - Plastic Single-In-Line Side-Looker Package Configuration
Note(s):
1. All linear dimensions are in millimeters; tolerance is ±0.25mm unless otherwise stated.
2. Dimension is to center of lens arc, which is located below the package face.
3. The integrated photodiode active area is round with a typical diameter of 0.75mm and is typically located in the center of the lens
and 0.97mm below the top of the lens surface.
4. Index of refraction of clear plastic is 1.55.
5. Lead finish for TSL257-LF: solder dipped, 100% Sn.
6. This drawing is subject to change without notice.
Package Mechanical Data
1.64
2.60
2.30
4.60
R 0.90
1.80
0.42
1
2
y 2
0.47 TYP
TOP VIEW
SIDE VIEW
FRONT VIEW
0.42
1.56
14.86
+ 0.50
4.60
0.15
Note B
Lead Free
Available
Pb
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com