Electronic Components Datasheet Search
  English  ▼

X  

D4SB60 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # D4SB60
Description  Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

D4SB60 Datasheet(HTML) 1 Page - Leshan Radio Company

  D4SB60 Datasheet HTML 1Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LESHAN RADIO COMPANY
LTD.
D4SB10(KBJ601G) Thru D4SB100(KBJ610G)
FEATURES
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
This series is UL listed under the Recognized
Component index,file number E231047
Single-in-line package
High current capality with small package
Superior thermal conductivity
High temperature soldering guaranted:
260 /10 seconds
High IFSM
Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified.
Parameter Symbol
Symbol
D4SB10
D4SB20
D4SB40
D4SB60
D4SB80
D4SB100
Unit
KBJ601G KBJ602G KBJ604G KBJ606G KBJ608G KBJ610G
Maximum repetitive voltage
VRM
100
200
400
600
800
1000
V
Maximum DC reverse current
TA=25℃
at rated DC blocking voltage
TA=125℃
IR
10
µA
500
Average rectified forward current 60Hz Sine wave
Resistance load with heat sink Tc=100℃
Io
6
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load
IFSM
120
A
Dielectric strength Terminals to case,
AC 1 minute Current 1mA
Vdia
2.5
KV
Maximum instantaneous forward voltage at 3A
VF
1.1
V
Operating junction temperature
TJ
150
℃
Storage temperature
Tstg
-40~150
℃


Similar Part No. - D4SB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D4SB60 SHINDENGEN-D4SB60 Datasheet
346Kb / 6P
General Purpose Rectifiers(600V 4A)
logo
Shenzhen Ping Sheng Ele...
D4SB60 PFS-D4SB60 Datasheet
326Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
SeCoS Halbleitertechnol...
D4SB60 SECOS-D4SB60 Datasheet
332Kb / 2P
Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D4SB60 LRC-D4SB60 Datasheet
235Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
SUNMATE electronic Co.,...
D4SB60 SUNMATE-D4SB60 Datasheet
813Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - D4SB60

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D20SB10 LRC-D20SB10 Datasheet
77Kb / 1P
Maximum Ratings & Thermal Characteristics Ratings at 25 ambient temperature unless otherwise specified.
D25SB10 LRC-D25SB10 Datasheet
79Kb / 2P
Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
GBL2005 LRC-GBL2005 Datasheet
89Kb / 1P
Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
GBL4005 LRC-GBL4005 Datasheet
65Kb / 2P
Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
logo
List of Unclassifed Man...
ECG85 ETC1-ECG85 Datasheet
133Kb / 1P
Maximum ratings at TC=25c Unless otherwise noted
logo
Microsemi Corporation
JANTX2N5664 MICROSEMI-JANTX2N5664 Datasheet
118Kb / 3P
ABSOLUTE MAXIMUM RATINGS (TC = 25째C unless otherwise noted)
logo
DONGGUAN YOU FENG WEI E...
SMAJ5.0A YFWDIODE-SMAJ5.0A Datasheet
845Kb / 4P
Maximum Ratings and Thermal Characteristics
SMBJ5.0A-CA YFWDIODE-SMBJ5.0A-CA Datasheet
1Mb / 5P
Maximum Ratings and Thermal Characteristics
SMCJ5.0A-SMAJ440A YFWDIODE-SMCJ5.0A-SMAJ440A Datasheet
788Kb / 4P
Maximum Ratings and Thermal Characteristics
SMAJ-SMA YFWDIODE-SMAJ-SMA Datasheet
967Kb / 4P
Maximum Ratings and Thermal Characteristics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com