Electronic Components Datasheet Search
  English  ▼

X  

TM3AM6 Datasheet(PDF) 2 Page - Schneider Electric

Part # TM3AM6
Description  module TM3 - 4 analog inputs and 2 analog outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM3AM6 Datasheet(HTML) 2 Page - Schneider Electric

  TM3AM6 Datasheet HTML 1Page - Schneider Electric TM3AM6 Datasheet HTML 2Page - Schneider Electric TM3AM6 Datasheet HTML 3Page - Schneider Electric TM3AM6 Datasheet HTML 4Page - Schneider Electric TM3AM6 Datasheet HTML 5Page - Schneider Electric TM3AM6 Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Local signalling
1 LED green PWR
Electrical connection
10 x 1.5 mm² removable screw terminal block with pitch 3.81 mm adjustment for
inputs
10 x 1.5 mm² removable screw terminal block with pitch 3.81 mm adjustment for
inputs, outputs and supply
Insulation
500 V AC between output and internal logic
500 V AC between input and internal logic
1500 V AC between input and supply
1500 V AC between output and supply
Marking
CE
Surge withstand
1 kV for power supply with common mode protection conforming to EN/IEC
61000-4-5
0.5 kV for power supply with differential mode protection conforming to EN/IEC
61000-4-5
1 kV for I/O with common mode protection conforming to EN/IEC 61000-4-5
0.5 kV for I/O with differential mode protection conforming to EN/IEC 61000-4-5
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
Plate or panel with fixing kit
Height
3.54 in (90 mm)
Depth
2.76 in (70 mm)
Width
0.93 in (23.6 mm)
Product weight
0.24 lb(US) (0.11 kg)
Environment
Standards
EN/IEC 61010-2-201
EN/IEC 61131-2
Resistance to electrostatic discharge
4 kV on contact conforming to EN/IEC 61000-4-2
8 kV in air conforming to EN/IEC 61000-4-2
Resistance to electromagnetic fields
9.14 V/yd (10 V/m) at 80 MHz...1 GHz conforming to EN/IEC 61000-4-3
2.74 V/yd (3 V/m) at 1.4 GHz...2 GHz conforming to EN/IEC 61000-4-3
0.91 V/yd (1 V/m) at 2 GHz...3 GHz conforming to EN/IEC 61000-4-3
Resistance to magnetic fields
30 A/m conforming to EN/IEC 61000-4-8
Resistance to fast transients
1 kV I/O conforming to EN/IEC 61000-4-4
Resistance to conducted disturbances
10 V at 0.15...80 MHz conforming to EN/IEC 61000-4-6
3 V at spot frequency (2, 3, 4, 6.2, 8.2, 12.6, 16.5, 18.8, 22, 25 MHz) conforming
to Marine specification (LR, ABS, DNV, GL)
Electromagnetic emission
Radiated emissions, test level: 40 dBμV/m QP class A (10 m at 30...230 MHz)
conforming to EN/IEC 55011
Radiated emissions, test level: 47 dBμV/m QP class A (10 m at 230...1000 MHz)
conforming to EN/IEC 55011
Immunity to microbreaks
10 ms
Ambient air temperature for operation
14...131 °F (-10...55 °C) (horizontal installation)
-10...35 °C (vertical installation)
Ambient air temperature for storage
-13...158 °F (-25...70 °C)
Relative humidity
10...95 % without condensation in operation
10...95 % without condensation in storage
IP degree of protection
IP20
Pollution degree
2
Operating altitude
0...6561.68 ft (0...2000 m)
Storage altitude
0...9842.52 ft (0...3000 m)
Vibration resistance
3.5 mm at 5...8.4 Hz with DIN rail mounting support
3 gn at 8.4...150 Hz with DIN rail mounting support
Shock resistance
15 gn during 11 ms
Ordering and shipping details
Category
22533 - M2XX PLC & ACCESSORIES
Discount Schedule
MSX
GTIN
00785901333258
Nbr. of units in pkg.
1
Package weight(Lbs)
0.46000000000000002
Returnability
Y
Country of origin
JP



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com