Electronic Components Datasheet Search
  English  ▼

X  

232SP9 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 232SP9
Description  Single-stage Surge Protector ??RS-232, DB9 Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

232SP9 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  232SP9 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All product specifications are subject to change without notice.
www.advantech-bb.com
Corporate Headquarters: 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA 815-433-5100 Fax 433-5104
European Office: Westlink Commercial Park, Oranmore Co. Galway Ireland +353 91 792444 Fax +353 91 792445
orders@advantech-bb.com
support@advantech-bb.com
Single-stage Surge Protector –
RS-232, DB9 Connectors
Model 232SP9
SPECIFICATIONS
Connectors
DB9 Male, DB9 Female
Clamping Voltage
12 Volts
Peak Pulse Power
600 Watts @ 1 msec.
Response Time
Less than 1 Picosecond
Typical Capacitance 200 Picofarads
Ground Screw
Size 10#
Dimensions
25.04L x 76.9W x 42.67H mm (.99L x 3.02W x 1.68H in)
MEANTIME BEFORE FAILURE (MTBF)
MTBF
4268324 hours
MTBF Calc. Method MIL117F Parts Count Reliability Prediction
CERTIFICATIONS
CE/FCC
2011/65/EU
Reduction of Hazardous Substance Directive
Model 232SP9 protects RS-232 ports from damage caused by large voltage peaks
from lightning and other power problems.The surge protector uses 600W Transient
Voltage Suppressors to protect all 9 pins. It has one DB9 male and one DB9 female
connector with all 9 pins passing straight through. The TVSs are connected between
the ground screw and pins 1, 2, 3, 4, 5, 6, 7, 8 and 9. The 232SP9 will suppress any
voltage levels above 12 Volts without affecting the normal RS-232 data.
Model 232SP9 is placed inline, between the data cable and the RS-232 port, as
close to the protected port as possible. The ground screw must be connected to earth
ground. A minimum of 12 AWG copper wire is recommended. Model CU15B is a
copper grouping strap, cut to length, for ground connections that are longer than a few
feet (one meter). If this device is not properly grounded, it will not protect RS-232 lines.
• 600W Transient Voltage Protection
• Protects All 9 Pins
• Compact Size
• Easy, Inline Installation
ORDERING INFORMATION
MODEL NUMBER
232SP9
RS-232 Surge Protector, DB9
ACCESSORIES - sold separately
9PAMF6 - DB9 male to DB9 female adapter cable, 1.8 m (6 ft.)
CU15B - Copper grounding strap, 38 x 0.25 mm (1.5 x 0.016 in) - sold by foot length
PRODUCT FEATURES
76.79
3.02
25.04
.99
42.67
1.68
MECHANICAL DRAWING
Units = [mm] inches
PIN OUTS
232SP9_3517ds


Similar Part No. - 232SP9

ManufacturerPart #DatasheetDescription
logo
Littelfuse
232 LITTELFUSE-232 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
logo
3M Electronics
232 3M-232 Datasheet
29Kb / 2P
High Performance Masking Tape
Feb-2011
logo
Littelfuse
232 LITTELFUSE-232 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Keystone Electronics Co...
232 KEYSTONE-232 Datasheet
538Kb / 1P
9 VOLT STRAPS
31-07 20th
logo
RUKO GmbH Präzisionswe...
232 020 RUKO-232 020 Datasheet
267Kb / 1P
Machine taps M DIN 371 HSS und HSSE-Co 5, ground
More results

Similar Description - 232SP9

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Weidmuller
1242080000 WEIDMULLER-1242080000 Datasheet
240Kb / 4P
Serial / Ethernet converter, 2x RJ45, 1x DB9 for RS-232
1242090000 WEIDMULLER-1242090000 Datasheet
237Kb / 4P
Serial / Ethernet converter, 2x RJ45, 1x DB9 for RS-232
logo
Advantech Co., Ltd.
BB-485HESP ADVANTECH-BB-485HESP Datasheet
626Kb / 2P
3-stage Surge Protectors for RS-232, RS-422/485
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
Three-stage DIN Rail Surge Protector
MOS-1120Y-0202E ADVANTECH-MOS-1120Y-0202E Datasheet
439Kb / 2P
Isolated RS-232, 2-Port, DB9, PCIe I/F
30-Oct-2018
PCM-24D2R2-BE ADVANTECH-PCM-24D2R2-BE Datasheet
398Kb / 1P
2-Port Isolated RS-232, mPCIe, DB9
6-Jul-2017
PCM-2604C-AE ADVANTECH-PCM-2604C-AE Datasheet
448Kb / 2P
Isolated RS-232, 2-Ports, DB9, PCIe I/F
11-Sep-2018
BB-232CAM ADVANTECH-BB-232CAM Datasheet
487Kb / 1P
RS-232 Modem Cable DB9 Female to DB25 Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com