Electronic Components Datasheet Search
  English  ▼

X  

LP9618 Datasheet(PDF) 1 Page - Schneider Electric

Part # LP9618
Description  NF Panelboard Acc. Key
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LP9618 Datasheet(HTML) 1 Page - Schneider Electric

  LP9618 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Aug 11, 2019
1
Product data sheet
Characteristics
LP9618
NF Panelboard Acc. Key
Product availability: Stock - Normally stocked in distribution facility
Main
Product
Key
Accessory / separate
part category
Locking accessory
Ordering and shipping details
Category
00038 - NQOD PANELS RTA
Discount Schedule
PE1A
GTIN
00785901838708
Nbr. of units in pkg.
1
Package weight(Lbs)
2.9999999999999999E-2
Returnability
Y
Country of origin
US
Offer Sustainability
RoHS (date code: YYWW)
Compliant  - since  1419  -  Schneider Electric declaration of conformity
Schnei-
der Electric declaration of conformity
Contractual warranty
Warranty period
18 months


Similar Part No. - LP9618

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP9435ET1G LRC-LP9435ET1G Datasheet
422Kb / 4P
High Power and current handing capability Lead free product is acquired
logo
VBsemi Electronics Co.,...
LP9435ET1G VBSEMI-LP9435ET1G Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Leshan Radio Company
LP9435LT1G LRC-LP9435LT1G Datasheet
416Kb / 4P
30V P-Channel Enhancement-Mode MOSFET
logo
VBsemi Electronics Co.,...
LP9435LT1G VBSEMI-LP9435LT1G Datasheet
484Kb / 9P
P-Channel 30 V (D-S) MOSFET
logo
Leshan Radio Company
LP9435LT1G LRC-LP9435LT1G_15 Datasheet
416Kb / 4P
30V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - LP9618

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
NF418L1 SCHNEIDER-NF418L1 Datasheet
115Kb / 2P
NF Panelboard, interior, main lug, 125 A, 3 PH, 4 wire, 18 CCT, Al
Apr 6, 2020
NF430L1 SCHNEIDER-NF430L1 Datasheet
105Kb / 2P
NF Panelboard, interior, main lug, 125 A, 3 PH, 4 wire, 30 CCT, Al
Apr 6, 2020
NF430L2 SCHNEIDER-NF430L2 Datasheet
103Kb / 2P
NF Panelboard, interior, main lug, 250 A, 3 PH, 4 wire, 30 CCT, Al
Apr 6, 2020
NF430L4 SCHNEIDER-NF430L4 Datasheet
89Kb / 2P
NF Panelboard, interior, main lug, 400 A, 3 PH, 4 wire, 30 CCT, Al
Apr 6, 2020
NF430L4C SCHNEIDER-NF430L4C Datasheet
92Kb / 2P
NF Panelboard, interior, main lug, 400 A, 3 PH, 4 wire, 30 CCT, Cu
Apr 6, 2020
NF442L2 SCHNEIDER-NF442L2 Datasheet
103Kb / 2P
NF Panelboard, interior, main lug, 250 A, 3 PH, 4 wire, 42 CCT, Al
Apr 6, 2020
NF442L4C SCHNEIDER-NF442L4C Datasheet
90Kb / 2P
NF Panelboard, interior, main lug, 400 A, 3 PH, 4 wire, 42 CCT, Cu
Apr 6, 2020
NF454L2C SCHNEIDER-NF454L2C Datasheet
100Kb / 2P
NF Panelboard, interior, main lug, 250 A, 3 PH, 4 wire, 54 CCT, Cu
Apr 6, 2020
NFOM442L2T2 SCHNEIDER-NFOM442L2T2 Datasheet
102Kb / 2P
NF Panelboard, interior, main lug, 250 A, 3 PH, 4 wire, 42 CCT, Al
NQMB2Q SCHNEIDER-NQMB2Q Datasheet
99Kb / 1P
NQ Panelboard Acc. Main Breaker Kit 225A, Q Frame
Aug 11, 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com