Electronic Components Datasheet Search
  English  ▼

X  

TM221CE40R Datasheet(PDF) 3 Page - Schneider Electric

Part # TM221CE40R
Description  controller M221 40 IO relay Ethernet
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM221CE40R Datasheet(HTML) 3 Page - Schneider Electric

  TM221CE40R Datasheet HTML 1Page - Schneider Electric TM221CE40R Datasheet HTML 2Page - Schneider Electric TM221CE40R Datasheet HTML 3Page - Schneider Electric TM221CE40R Datasheet HTML 4Page - Schneider Electric TM221CE40R Datasheet HTML 5Page - Schneider Electric TM221CE40R Datasheet HTML 6Page - Schneider Electric TM221CE40R Datasheet HTML 7Page - Schneider Electric TM221CE40R Datasheet HTML 8Page - Schneider Electric TM221CE40R Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Local signalling
1 LED green SD card access (SD)
1 LED red BAT
1 LED per channel green I/O state
1 LED green SL
Ethernet network activity green ACT
Ethernet network link yellow Link (Link Status)
1 LED red module error (ERR)
1 LED green PWR
1 LED green RUN
Electrical connection
Mini B USB 2.0 connector for a programming terminal
Terminal block, 3 terminal(s) for connecting the 24 V DC power supply
Connector, 4 terminal(s) for analogue inputs
Removable screw terminal block for inputs
Removable screw terminal block for outputs
Cable distance between devices
Shielded cable: 10 m for fast input
Unshielded cable: 30 m for output
Unshielded cable: 30 m for digital input
Unshielded cable: 1 m for analog input
Insulation
2300 V AC between output and internal logic
Non-insulated between analogue inputs
500 V AC between input and internal logic
Non-insulated between analogue input and internal logic
1500 V AC between supply and ground
500 V AC between sensor power supply and ground
500 V AC between input and ground
1500 V AC between output and ground
2300 V AC between supply and internal logic
500 V AC between sensor power supply and internal logic
500 V AC between Ethernet terminal and internal logic
2300 V AC between supply and sensor power supply
Marking
CE
Sensor power supply
24 V DCat 250 mA supplied by the controller
Mounting support
Top hat type TH35-15 rail conforming to IEC 60715
Top hat type TH35-7.5 rail conforming to IEC 60715
Plate or panel with fixing kit
Height
3.54 in (90 mm)
Depth
2.76 in (70 mm)
Width
6.3 in (160 mm)
Product weight
1.01 lb(US) (0.456 kg)
Environment
Standards
EN/IEC 60664-1
EN/IEC 61131-2
EN/IEC 61010-2-201
Product certifications
ABS
CSA
CULus
LR
IACS E10
RCM
EAC
DNV-GL
Environmental characteristic
Ordinary and hazardous location
Resistance to electrostatic discharge
4 kV on contact conforming to EN/IEC 61000-4-2
8 kV in air conforming to EN/IEC 61000-4-2
Resistance to electromagnetic fields
9.14 V/yd (10 V/m) ( 80 MHz...1 GHz) conforming to EN/IEC 61000-4-3
2.74 V/yd (3 V/m) ( 1.4 GHz...2 GHz) conforming to EN/IEC 61000-4-3
1 V/m ( 2...2.7 GHz) conforming to EN/IEC 61000-4-3
Resistance to magnetic fields
30 A/m 50/60 Hz conforming to EN/IEC 61000-4-8
Resistance to fast transients
2 kV power lines conforming to EN/IEC 61000-4-4
2 kV relay output conforming to EN/IEC 61000-4-4
1 kV Ethernet line conforming to EN/IEC 61000-4-4
1 kV serial link conforming to EN/IEC 61000-4-4
1 kV I/O conforming to EN/IEC 61000-4-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com