Electronic Components Datasheet Search
  English  ▼

X  

660 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 660
Description  Power toggle switches ??metal lever
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

660 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  660 Datasheet HTML 1Page - List of Unclassifed Manufacturers 660 Datasheet HTML 2Page - List of Unclassifed Manufacturers 660 Datasheet HTML 3Page - List of Unclassifed Manufacturers 660 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Case : melamine/polyester
• Actuator : brass, nickel plated
• Bushing : brass, nickel plated
• Contacts silver
• Torque : 1.50 Nm (1.10 Ft.lb) max. applied to nut.
• Panel thickness : 4.5 mm (.177) max.
• Operating temperature : -20 °C to +55 °C (-4 °F to +131 °F)
GENERAL SPECIFICATIONS
• Max. current/voltage rating with resistive load : 10 A 30 VDC
• Decrease by 50 % for inductive load
• Initial contact resistance : 10 mΩ max.
• Insulation resistance : 1,000 MΩ min. at 500 VDC
• Dielectric strength : 2,500 Vrms 50 Hz min. between terminals
2,500 Vrms 50 Hz min. between terminals and frame
• Electrical life : 10,000 cycles at full load
ELECTRICAL SPECIFICATIONS
Four pole models
High current/voltage rating
Screw terminals
DISTINCTIVE FEATURES
660 series
Power toggle switches • metal lever
The company reserves the right to change specifications without notice.
MATERIALS
1
SW-660-1711


Similar Part No. - 660

ManufacturerPart #DatasheetDescription
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
660 OSCILENT-660 Datasheet
142Kb / 2P
Discriminator
logo
3M Electronics
660 3M-660 Datasheet
574Kb / 6P
3M??Scotch짰 Red Cellophane Tape 660
logo
TT Electronics.
660 TTELEC-660 Datasheet
221Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
574Kb / 1P
656 Series Molded Base PC Mount Fuse Block For 5×20mm Fuses
Revised: 06/03/15
More results

Similar Description - 660

ManufacturerPart #DatasheetDescription
logo
ITT Industries
9201SH3ZQE ITT-9201SH3ZQE Datasheet
401Kb / 6P
Power Toggle Switches
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
Power Toggle Switches
logo
List of Unclassifed Man...
ZL38S0102 ETC1-ZL38S0102 Datasheet
156Kb / 2P
Tiny toggle switches - metal bushing
8E1011-Z ETC2-8E1011-Z Datasheet
516Kb / 2P
LEVER LOCK TOGGLE SWITCHES
logo
Festo Corporation.
VHEF-V-B52-G14 FESTO-VHEF-V-B52-G14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-VT-B32-G18 FESTO-VHEF-VT-B32-G18 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-V-B52-N14 FESTO-VHEF-V-B52-N14 Datasheet
84Kb / 2P
Toggle lever valve
VHEF-V-B52-N18 FESTO-VHEF-V-B52-N18 Datasheet
85Kb / 2P
Toggle lever valve
VHEF-VT-M32-M-N18 FESTO-VHEF-VT-M32-M-N18 Datasheet
84Kb / 2P
Toggle lever valve
logo
C&K Components
9000TOGGLE CK-COMPONENTS-9000TOGGLE Datasheet
619Kb / 5P
Power Toggle Switches
10 jul 18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com