Electronic Components Datasheet Search
  English  ▼

X  

CTAR-P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CTAR-P
Description  Konform짰 AR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTAR-P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CTAR-P Datasheet HTML 1Page - List of Unclassifed Manufacturers CTAR-P Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. J (6/21) Page 1 of 2
1-770-424-4888  www.chemtronics.com
Konform® AR
Product# CTAR-12, CTAR-P, CTAR-1
Product Description
Konform AR is ideal for providing insulation against high-
voltage arcing and corona shorts. This extremely effective
acrylic conformal coating provides a hard, durable protective
barrier against humidity, salt, corrosive vapors and fungus for
printed circuit board and electronic assemblies.
•
Clear transparent coating
•
Excellent dielectric strength
•
Helps prevent arcing and shorts
•
Increases life of electronic assemblies
•
Will not discolor over time under normal use
•
Contains a UV indicator for thorough Quality Control
inspection
•
UL Recognized, File QMJU2.E76307
Typical Applications
Konform AR is ideal for applications in:
•
Aerospace
•
Data Communications
•
Instrumentation
•
Automotive Manufacturing
•
Marine Manufacturing
•
Process Control
Typical Product Data and Physical Properties
Usable Temp. Range
-75°F to 270°F
of Cured Coatings
(-59°C to 132°C)
Tack Free Time
30 min.
Curing Conditions
24 Hours @ 77°F (25°C)
(@80% R.H.)
8 Hours @ 170°F (77°C)
Specific Gravity:
0.93 (Liquid Only)
(water = 1@ 68ºF)
Viscosity (cps @ 77ºF)
70± 5 cps
Flash Point (TCC)
30°F / -1ºC
Volume Resistivity
1 x 1014
(ohm/cm)
Dielectric Breakdown
8300
(volts/mil)
Comparative Tracking Index (CTI) 250 (PLC of 2)
Coefficient of Thermal Expansion 5 x 10-5
(in/in/ºC)
Coverage (1 mil/ft2)
CTAR-1 254.0
CTAR-12 20.2
Shelflife
2 years
RoHS Compliant
Yes


Similar Part No. - CTAR-P

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CTA CARLOGAVAZZI-CTA Datasheet
480Kb / 4P
Split core current transformer
logo
List of Unclassifed Man...
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
6Amp - 400/600/800/1000V - TRIAC
CTA06-1000B ETC1-CTA06-1000B Datasheet
208Kb / 2P
6Amp - 400/600/800/1000V - TRIAC
CTA06-1000BPT ETC1-CTA06-1000BPT Datasheet
208Kb / 2P
6Amp - 400/600/800/1000V - TRIAC
CTA06-1000BW ETC1-CTA06-1000BW Datasheet
208Kb / 2P
6Amp - 400/600/800/1000V - TRIAC
More results

Similar Description - CTAR-P

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR5013L OPTEK-OPR5013L Datasheet
360Kb / 2P
SMD Multi Ele ment LED Ar ray
OSM960 OPTEK-OSM960 Datasheet
223Kb / 2P
Six Ele ment SMD Pho todiode Ar ray
July 1999
logo
Yellow Stone Corp
YSC-SL815 YSTONE-YSC-SL815 Datasheet
171Kb / 2P
Compatible with AR-111 module, and take the place of traditional AR-111 spotlight bulb
logo
AVX Corporation
AR215F104M4R AVX-AR215F104M4R Datasheet
202Kb / 9P
Radial Leads/SkyCap짰/AR Series
SR151C222KARTR2 AVX-SR151C222KARTR2 Datasheet
172Kb / 5P
Radial Leads/SkyCap/AR Series
logo
PHOENIX CONTACT
2801302 PHOENIX-2801302 Datasheet
68Kb / 4P
Surge protection base element - VAL-MS TE-AR
2819480 PHOENIX-2819480 Datasheet
46Kb / 2P
Shield connection clamp for IB IL DC AR 48/10A
logo
Bourns Electronic Solut...
PF-F BOURNS-PF-F Datasheet
666Kb / 5P
PF-F Series – Semiconductor (aR) Power Fuses
REV. 06/22
PF-M BOURNS-PF-M Datasheet
705Kb / 4P
PF-M Series – Semiconductor (aR) Power Fuses
REV. 06/22
logo
Ulti-Mate Connector Inc
SD-836331818 ULTI-MATE-SD-836331818 Datasheet
143Kb / 1P
MICRO-D CIRCUIT CONNECTOR, "AR" SERIES, CAP8R21P07T-S01
3/12/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com